Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6065JTP Datasheet(PDF) 3 Page - Littelfuse

Part # S6065JTP
Description  65 / 70 Amp Standard SCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6065JTP Datasheet(HTML) 3 Page - Littelfuse

  S6065JTP Datasheet HTML 1Page - Littelfuse S6065JTP Datasheet HTML 2Page - Littelfuse S6065JTP Datasheet HTML 3Page - Littelfuse S6065JTP Datasheet HTML 4Page - Littelfuse S6065JTP Datasheet HTML 5Page - Littelfuse S6065JTP Datasheet HTML 6Page - Littelfuse S6065JTP Datasheet HTML 7Page - Littelfuse S6065JTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
333
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
125
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: On-State Current vs. On-State
Voltage (Typical)
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
125
0
20
40
60
80
100
120
140
160
180
200
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous On-state Voltage (v
T) – Volts
T
J = 25°C
0
10
20
30
40
50
60
010
20
30
40
506070
RMS On-State Current [I
T(R MS)] - (Am ps)
70
75
80
85
90
95
100
105
110
115
120
125
130
010
20
30
40
50607080
RMS On-State Current [I
T(RMS)] - Amps
Sxx70W
Sxx65K
Sxx65J
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
The "K" package rating with its narrow leads is intended
for high surge condition use only and not recom-
mended for >50A rms continuous current use since lead
temperature depending on lead length can exceed PCB
solder melting temperature. "J" or "W" packages are
recommended for >50A rms continuous current require-
ments.
Note: xx = voltage


Similar Part No. - S6065JTP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6065J TECCOR-S6065J Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S6065J TECCOR-S6065J Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6065J LITTELFUSE-S6065J Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6065J LITTELFUSE-S6065J Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S6065J NJSEMI-S6065J Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S6065JTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6065KTP LITTELFUSE-S6065KTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8065KTP LITTELFUSE-S8065KTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
   55 Amp Standard SCRs
S6035JTP LITTELFUSE-S6035JTP Datasheet
195Kb / 7P
   35 Amp Standard SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
   15 and 16 Amp Standard SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SJ6006DS2 LITTELFUSE-SJ6006DS2 Datasheet
2Mb / 9P
   Thyristors 6 Amp High Temperature Sensitive & Standard SCRs
Revised: 08/08/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com