Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS463-AA Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSS463-AA
Description  Fully Compliant to VAN Specification ISO/11519-3
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463-AA Datasheet(HTML) 1 Page - ATMEL Corporation

  TSS463-AA_14 Datasheet HTML 1Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 2Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 3Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 4Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 5Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 6Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 7Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 8Page - ATMEL Corporation TSS463-AA_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
4205B–AUTO–12/04
Features
Fully Compliant to VAN Specification ISO/11519-3
Handles All Specified Module Types
Handles All Specified Message Types
Handles Retransmission of Frames on Contention and Errors
3 Separate Line Inputs with Automatic Diagnosis and Selection
Normal or Pulsed (Optical and Radio Mode) Coding
VAN Transfer Rate: 1 Mbit/s Maximum
SPI/SCI Interface
– SPI Transfer Rate: 4 Mbit/s Maximum
– SCI Transfer Rate: 125 Kbit/s Maximum
Idle and Sleep Modes
128 Bytes of General-purpose RAM
14 Identifier Registers with All Bits Individually Maskable
6-source Maskable Interrupt, Including an Interrupt-on-reset to Detect Glitches on the
Reset Pin
Integrated Crystal or Resonator Oscillator with Internal Baud Rate Generator and
Buffered Clock Output
Single +5V Power Supply
0.8
µm CMOS Technology
SO16 Package
Description
The TSS463AA is a circuit that allows the transfer of all the status information needed
in a car or truck over a single low-cost wire pair, that minimizes electrical wire usage. It
can be used to interconnect powerful functions to control and interface car body elec-
tronics (lights, wipers, power window, etc.).
The TSS463AA is fully compliant with the VAN ISO Standard 11519-3. This standard
supports a wide range of applications such as low-cost remote-controlled switches.
Typically it is used for lamp control, complex, highly-autonomous, distributed systems,
which require fast and secure data transfers.
The TSS463AA is a microprocessor-interfaced line controller for mid- to high-com-
plexity bus-masters and listeners like dashboard controllers, car stereo or mobile
telephone CPUs.
The microprocessor interface consists of a 256-byte RAM and a register area divided
into 11 control registers, 14 channel register sets and 128 bytes of general purpose
RAM, used as a message storage area, and a 6-source maskable interrupt.
The circuit operates in the RAM using DMA techniques, controlled by the channel and
control registers. This allows virtually any microprocessor, including SPI/SCI interface,
to be connected easily to the TSS463AA.
Messages are encoded in enhanced Manchester code, and an optional pulsed code
for use with an optical or radio link, at a maximum bit rate of 1 Mbit/s. The TSS463AA
analyzes the messages received or transmitted according to 6 different criteria includ-
ing some higher level checks.
In addition, the bus interface has three separate inputs with automatic source diagno-
sis and selection. The interface allows for multibus listening or the automatic selection
of the most reliable source at any time if several line receivers are connected to the
same bus.
VAN Data Link
Controller with
Serial Interface
TSS463-AA


Similar Part No. - TSS463-AA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463-AAR ATMEL-TSS463-AAR Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
More results

Similar Description - TSS463-AA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_14 Datasheet
955Kb / 59P
   Fully Compliant to VAN Specification
logo
Maxim Integrated Produc...
DS28E18EVKIT MAXIM-DS28E18EVKIT Datasheet
3Mb / 11P
   Fully Compliant with USB 2.0 Specification
Rev 0; 6/20
DS28E16EVKIT MAXIM-DS28E16EVKIT Datasheet
2Mb / 7P
   Fully Compliant with USB Specification v2.0
Rev 0; 3/19
DS28E84EVKIT MAXIM-DS28E84EVKIT Datasheet
2Mb / 15P
   Fully Compliant with USB Specification v2.0
2019
DS28E83EVKIT MAXIM-DS28E83EVKIT Datasheet
2Mb / 16P
   Fully Compliant with USB Specification v2.0
Rev 0; 3/18
DS28E38EVKIT MAXIM-DS28E38EVKIT Datasheet
6Mb / 29P
   Fully Compliant with USB Specification v2.0
Rev 2; 3/19
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5930Z AVAGO-AFBR-5930Z Datasheet
343Kb / 13P
   Fully RoHS compliant
logo
PHOENIX CONTACT
2885867 PHOENIX-2885867 Datasheet
98Kb / 3P
   RAD-ISM-2400-ANT-VAN- 3-0-SMA
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com