Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL10682J Datasheet(PDF) 20 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL10682J
Description  RADIAL LEADED INDUCTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL10682J Datasheet(HTML) 20 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL10682J Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc LHL10682J Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_leaded_prec_e-E02R01
6. Handling
Precautions
◆Handling
1. Keep the inductors away from all magnets and magnetic objects.
◆Mechanical considerations
1. Please do not give the inductors any excessive mechanical shocks.
2. LH type
If inductors are dropped onto the floor or a hard surface they should not be used.
◆Packing
1. Please do not give the inductors any excessive mechanical shocks.
In loading, please pay attention to handling indication mentioned in a packing box (a loading direction / number of maximum loading /
fragile item).
Technical
considerations
◆Handling
1. There is a case that a characteristic varies with magnetic influence.
◆Mechanical considerations
1. There is a case to be damaged by a mechanical shock.
2. LH type
There is a case to be broken by a fall.
◆Packing
1. There is a case that a lead wire could be deformed by a fall or an excessive shock.
7. Storage conditions
Precautions
◆Storage
1. To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and humidity in the
storage area should be controlled.
Recommended conditions
・Ambient temperature 0~40℃
・Humidity Below 70% RH
The ambient temperature must be kept below 30℃. Even under ideal storage conditions, solderability of products electrodes may
decrease as time passes.
For this reason, inductors should be used within one year from the time of delivery.
In case of storage over 6 months, solderability shall be checked before actual usage.
Technical
considerations
◆Storage
1. Under a high temperature and humidity environment, problems such as reduced solderability caused by oxidation of terminal electrodes
and deterioration of taping/packaging materials may take place.


Similar Part No. - LHL10682J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL10682J TAIYO-YUDEN-LHL10682J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL10682J TAIYO-YUDEN-LHL10682J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL10682J TAIYO-YUDEN-LHL10682J Datasheet
502Kb / 21P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL10682J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com