Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E50RA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # E50RA
Description  Limit Switches E50 Heavy-Duty Plug-In Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E50RA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button E50RA Datasheet HTML 3Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 4Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 5Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 6Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 7Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 8Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 9Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 10Page - List of Unclassifed Manufacturers E50RA Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
August 2007
PG08301004E
For more information visit: www.eaton.com
2-39
Limit Switches
E50 Heavy-Duty Plug-In Switches
Specifications
Electrical Data — Maximum Contact Ratings (Same polarity each pole)
Thermal rating. Valid only if switch does not have to make or break.
Description
Specification
Environmental Ratings
NEMA 1, 3, 3S, 4, 4X, 6, 6P, 13, IP67
Material of Construction
Zinc die cast
Switch Gasket Material
Viton ®
Universal U.S./DIN Mounting Dimensions
1.16 in (30 mm) x 2.34 in (60 mm)
Conduit Entrance
1/2 in NPT or 20 mm threading
Contact Ratings
See below
Contact Operation
Snap action over center mechanism
Contact Material
Fine silver
Maximum Frequency of
Operation
8000 operations per hour
Mechanical Life:
Side Rotary
Side or Top Push
13,000,000 operations minimum
10,000,000 operations minimum
Electrical Life:
Single Pole
Double Pole
1,000,000 operations typical at full load
100,000 operations typical at full load
Ambient Temperature Range — Standard
Standard without Cable
Standard with Cable
Low Temperature without Cable
Low Temperature with Cable
14° to 250°F (-10° to 121°C)
14° to 221°F (-10° to 105°C)
-40° to 250°F (-40° to 121°C)
-40° to 221°F (-40° to 105°C)
Repeat Accuracy — Standard
Side Operated
Top Operated
Side Rotary
Within 0.0012 in
Within 0.0003 in
Within 0.0014 in
Torque Requirements:
Switch Body Screws
Operating Head Screws
25 – 30 lb-in
14 – 18 lb-in
Wire Size
Will accept AWG #22 – #12, single or stranded wire
AC Volts
Current, Amperes
Voltamperes
DC Volts
Current, Amperes
Make
Break
Cont.
Make
Break
Max. Make
or Break
Cont.
All Switches Except Gravity Return and Indicating Light Versions
NEMA A600 Rating
NEMA R300
120
240
480
600
60
30
15
12
6
3
1.5
1.2
10
7200
720
125
250
0.22
0.11
1.0
1.0
Switches with Indicating Lights (LED or Neon)
NEMA A150 Rating
NEMA R150
120
60
6
10
7200
720
125
0.22
1.0
Gravity Return Switches — Maximum Contact Ratings
NEMA 6600 Rating — Contacts on Same Polarity
120
240
480
600
30
15
7.5
6
3
1.5
0.75
0.60
5
3600
360


Similar Part No. - E50RA

ManufacturerPart #DatasheetDescription
logo
Powerbox
E50 POWERBOX-E50 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E50 XPPOWER-E50 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Gamewell-FCI by Honeywe...
E50-241575W-FR GAMEWELL-FCI-E50-241575W-FR Datasheet
92Kb / 3P
   Cooper-Wheelock
E50-241575W-FW GAMEWELL-FCI-E50-241575W-FW Datasheet
92Kb / 3P
   Cooper-Wheelock
E50-24MCW-FR GAMEWELL-FCI-E50-24MCW-FR Datasheet
92Kb / 3P
   Cooper-Wheelock
More results

Similar Description - E50RA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
   Standard Heavy Duty Limit Switches
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
   STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Littelfuse
956 LITTELFUSE-956 Datasheet
440Kb / 1P
   956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Littelfuse
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
   HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com