Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCO-710 Datasheet(PDF) 1 Page - Epson Company

Part No. TCO-710
Description  CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPSON [Epson Company]
Homepage  http://www.epsondevice.com
Logo 

TCO-710 Datasheet(HTML) 1 Page - Epson Company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
5.0±0.2
#4
#1
#3
C0.4
#2
1.2±0.15
2.54±0.15
X1A
813K
E 19.440
Specifications (characteristics)
Item
Symbol
TCO-710*X3A*
TCO-710*X1A*
Conditions / Remarks
Output frequency range
f0
1.500 MHz to 75.000 MHz
Please contact us about available
frequencies.
Supply voltage
VCC
2.5 V
0.25 V
3.3 V
0.33 V
Storage temperature range
T_stg
-55
C to +125 C
Storage as single product..
Operating temperature range
T_use
As per description below
Frequency tolerance
f_tol
As per description below.
Current consumption
ICC
15 mA Max.
20 mA Max.
No load condition
Symmetry
SYM
40 % to 60 %
50 % VCC level
Output voltage
VOH
90 % VCC Min.
VOL
10 % VCC Max.
Output load condition (CMOS) L_CMOS
15 pF Max.
Input voltage
VIH
70 % VCC Min.
VIH or OPEN : Enable
VIL
30 % VCC Max.
VIL or GND
: Disable
Rise time / Fall time
tr/ tf
7 ns Max.
6 ns Max.
10 % VCC to 90 % VCC level
Start-up time
t_str
10 ms Max.
Time at minimum supply voltage to be 0 s
Frequency aging
f_aging
5  10-6 / year Max.
+25
C, First year
Product Name
TCO-710 6 X1 A 4 19.440000MHz
(Standard form)
② ③ ④
①Model
②Frequency tolerance
③Supply voltage
④Operating temperature range
⑤Frequency
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
②Frequency tolerance
6
±50 × 10
-6
7
±100 × 10
-6
③Supply voltage
X1
3.3 V Typ.
X3
2.5 V Typ.
④Operating temperature range
Blank
0 to +70°C
1
-10 to +70°C
2
-20 to +70°C
4
-40 to +85°C
CRYSTAL OSCILLATOR (SPXO)
OUTPUT : CMOS
TCO - 710x series
Frequency range
:
1.5 MHz to 75 MHz
Supply voltage
:
2.5 V Typ. / 3.3 V Typ.
External dimensions: 5.0 × 3.2 × 1.0 mm
Function
:
Standby ( ST )
Product Number (please contact us)
X1G00xxx1xxxx00
Pin map
Pin
Connection
1
ST
2
GND
3
OUT
4
Vcc
Note.
ST
pin = HIGH or "open" : Specified frequency output.
ST
pin = LOW : Output is high impedance, oscillation stops.
To maintain stable operation, provide a 0.01uF to
0.1uF by-pass capacitor at a location as near as
possible to the power source terminal of the crystal
product (between Vcc - GND).
#1
#2
#3
#4
2.54
C
C ( ex. 0.01 µF)
1.6
Resist


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn