Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS87C1102 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 11Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
11
10.3 DC Electrical Characteristics - GMS87C1102, GMS87C1202
(VDD=4.5~6.0V, VSS=0V, fXIN =1MHz~12MHz, TA=-20°
°°°C~+85°°°°C)
Parameter
Symbol
Pin1
1.
RC0, RC1, RB1 and RB3 pins are applied for GMS87C1202 only.
Test Condition
Specification
Unit
Min
Typ2
2.
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Input High Voltage
VIH1
XIN, RESET
VDD=4.5~6.0V
0.8VDD
VDD
V
VIH2
RB2, RB3
0.8VDD
VDD
VIH3
RA,RB0,RB1,RB4,RC
0.7VDD
VDD
Input Low Voltage
VIL1
XIN, RESET
VDD=4.5~6.0V
0
0.2VDD
V
VIL2
RB2, RB3
0
0.2VDD
VIL3
RA,RB0,RB1,RB4,RC
0
0.3VDD
Output High Voltage
VOH
RA, RB, RC
VDD = 5V, IOH = -2mA
VDD-1
V
Output Low Voltage
VOL
RA, RB, RC
VDD = 5V, IOL= 10mA
1V
Input
Leakage Current
IIL
RESET,RA,RB,RC
VIN = VSS~VDD
±5
uA
IIL
XIN
±15
Input Pull-up Current
IPU
RB2, RB33
3.
This parameter is valid when the bit PUPSELx is selected and set the Input mode or Interrupt Input Function.
VDD = 5V, VIN = VSS
-350
-280
-200
uA
Power Fail Detect Voltage
VPFD
VDD
23.5
4
V
Normal Operating Current
IDD
VDD
VDD=5.5V, fXIN=8MHz
46
mA
VDD=5.5V, fXIN=12MHz
610
Wake-up Timer Mode
Current
IWKUP
VDD
VDD=5.5V, fXIN=8MHz
11.8
VDD=5.5V, fXIN=12MHz
23
mA
RC-oscillated Watchdog
Timer Mode Current
IRCWDT
VDD
VDD = 5.5V,
fXIN = 8MHz/12MHz
0.3
0.8
mA
STOP Mode Current
ISTOP
VDD
VDD = 5.5V
0.2
2
uA
Hysteresis
VT+
~ VT-
RESET, RB2, RB3
0.5
V
Internal RC Oscillation
Period ( RC-WDT CLK )
TRCWDT XOUT
VDD = 5V,
fXIN = 8MHz/12MHz
100
200
uS
RC Oscillation Frequency
( System CLK )
fRCOSC
XOUT
R = 20K
Ω, C=24pF
300
550
kHz


Similar Part No. - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com