Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51ID2 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89C51ID2
Description  Six 8-bit I/O Ports (64 pins or 68 Pins Versions)
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89C51ID2_14 Datasheet HTML 38Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 39Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 40Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 41Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 42Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 43Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 44Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 45Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
42
AT89C51ID2
4289C–8051–11/05
Table 27. CMOD Register
CMOD - PCA Counter Mode Register (D9h)
Reset Value = 00XX X000b
Not bit addressable
The CMOD register includes three additional bits associated with the PCA (See
Figure 14 and Table 27).
The CIDL bit which allows the PCA to stop during idle mode.
The WDTE bit which enables or disables the watchdog function on module 4.
The ECF bit which when set causes an interrupt and the PCA overflow flag CF (in
the CCON SFR) to be set when the PCA timer overflows.
The CCON register contains the run control bit for the PCA and the flags for the PCA
timer (CF) and each module (Refer to Table 28).
Bit CR (CCON.6) must be set by software to run the PCA. The PCA is shut off by
clearing this bit.
Bit CF: The CF bit (CCON.7) is set when the PCA counter overflows and an
interrupt will be generated if the ECF bit in the CMOD register is set. The CF bit can
only be cleared by software.
76
543
210
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Bit
Number
Bit
Mnemonic
Description
7CIDL
Counter Idle Control
Cleared to program the PCA Counter to continue functioning during idle Mode.
Set to program PCA to be gated off during idle.
6WDTE
Watchdog Timer Enable
Cleared to disable Watchdog Timer function on PCA Module 4.
Set to enable Watchdog Timer function on PCA Module 4.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
CPS1
PCA Count Pulse Select
CPS1
CPS0Selected PCA input
0
0 Internal clock fCLK PERIPH/6
0
1Internal clock fCLK PERIPH/2
1
0Timer 0 Overflow
1
1 External clock at ECI/P1.2 pin (max rate = fCLK PERIPH/ 4)
1
CPS0
0ECF
PCA Enable Counter Overflow Interrupt
Cleared to disable CF bit in CCON to inhibit an interrupt.
Set to enable CF bit in CCON to generate an interrupt.


Similar Part No. - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RDTIM ATMEL-AT89C51ID2-RDTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results

Similar Description - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
1Mb / 147P
   Four 8-bit I/O ports 2 I/O 2-wire Interface (TWI) Pins
logo
Silicon Laboratories
EFM8UB3 SILABS-EFM8UB3 Datasheet
806Kb / 62P
   Up to 17 multifunction I/O pins
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com