Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51ID2 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT89C51ID2
Description  Six 8-bit I/O Ports (64 pins or 68 Pins Versions)
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT89C51ID2_14 Datasheet HTML 90Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 91Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 92Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 93Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 94Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 95Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 96Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 97Page - ATMEL Corporation AT89C51ID2_14 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 157 page
background image
94
AT89C51ID2
4289C–8051–11/05
Table 70.
Miscellaneous Status
C0h
Data byte in SSDAT has been
transmitted; NOT ACK has
been received
No SSDAT action or
No SSDAT action or
No SSDAT action or
No SSDAT action
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START
condition will be transmitted when the bus
becomes free
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1. A START condition will be transmitted
when the bus becomes free
C8h
Last data byte in SSDAT has
been transmitted (AA=0); ACK
has been received
No SSDAT action or
No SSDAT action or
No SSDAT action or
No SSDAT action
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START
condition will be transmitted when the bus
becomes free
Switched to the not addressed slave mode; own
SLA will be recognised; GCA will be recognised if
GC=logic 1. A START condition will be transmitted
when the bus becomes free
Table 69. Status in Slave Transmitter Mode (Continued)
Status
Code
(SSCS)
Status of the 2-wire bus and
2-wire hardware
Application Software Response
Next Action Taken By 2-wire Software
To/from SSDAT
To SSCON
STA
STO
SI
AA
Status
Code
(SSCS)
Status of the 2-wire
bus and 2-wire
hardware
Application Software Response
Next Action Taken By 2-wire
Software
To/from
SSDAT
To SSCON
STA
STO
SI
AA
F8h
No relevant state
information
available; SI= 0
No SSDAT
action
No SSCON action
Wait or proceed current transfer
00h
Bus error due to an
illegal START or
STOP condition
No SSDAT
action
01
0
X
Only the internal hardware is
affected, no STOP condition is
sent on the bus. In all cases,
the bus is released and STO is
reset.


Similar Part No. - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-IM ATMEL-AT89C51ID2-IM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RDTIM ATMEL-AT89C51ID2-RDTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51ID2-RLTIM ATMEL-AT89C51ID2-RLTIM Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results

Similar Description - AT89C51ID2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_14 Datasheet
1Mb / 147P
   Four 8-bit I/O ports 2 I/O 2-wire Interface (TWI) Pins
logo
Silicon Laboratories
EFM8UB3 SILABS-EFM8UB3 Datasheet
806Kb / 62P
   Up to 17 multifunction I/O pins
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com