Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C5108 Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # GMS81C5108
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5108 Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button GMS81C5108 Datasheet HTML 59Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 60Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 61Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 62Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 63Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 64Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 65Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 66Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
GMS81C5108
60
JUNE 2001 Ver 1.0
15. Buzzer Output Function
The buzzer driver consists of 6-bit binary counter, the
buzzer data register BDR and the clock selector. It gener-
ates square-wave which is very wide range frequency (500
Hz~125 KHz at fMAIN = 4MHz) by user programmable
counter.
Pin R04 is assigned for output port of Buzzer driver by set-
ting the bit BUZ of Port Mode Register (PMR) to “1”.
The 6-bit buzzer counter is cleared and start the counting
by writing signal to the register BDR. It is increased from
00H until it matches with BDR[5:0].
Also, it is cleared by counter overflow and count up to out-
put the square wave pulse of duty 50%.
The bit 0 to 5 of BDR determines output frequency for
buzzer driving. BCD is undefined after reset, so it must be
initialized to between 0H and 3FH by software. Note that
BDR is a write-only register. Frequency calculation is fol-
lowing as shown below.
The bits BCK1, BCK0 of BDR select the source clock
from prescaler output
fBUZ: BUZ pin frequency
Prescaler ratio: Prescaler divide ratio by BDR[7:6]
BCD value: 6-bit compare data, BCD[5:0].
Figure 15-1 Buzzer Driver
Example: 2.5kHz output at 4MHz.
LDM
R0DR,#XXX1_XXXXB
LDM
BDR,#1001_1000B
LDM
PMR,#XXX1_XXXXB
;Buzzer ON
X means don’t care
f
BUZ Hz
()
Oscillator Frequency
2
Prescaler Ratio
BCD
1
+
()
×
×
-------------------------------------------------------------------------------
=
BDR (Buzzer Data Register)
ADDRESS : 0FDH
RESET VALUE : 00H
BCK1
BCK0
BCD5
BCD4
BCD3
BCD2
BCD1
BCD0
÷ 64
÷ 16
÷ 32
MUX
COUNTER (6-bit)
BCD (6-bit)
F/F
COMPARATOR
BCK[1:0]
R04/BUZ PIN
÷ 8
BCK[1:0] (Buzzer Clock Source)
BCD[5:0] (Buzzer Control Data)
BUZ
[PMR.4]
Bit manipulation is not available.
Buzzer Period Data
Bit :
7
6
5
4
3
2
1
0
WW
WW
WW
W
W
SXIN
0X
1X
XIN
SCMR[1:0]
2
PMR (Port Mode Register)
ADDRESS :0D9H
RESET VALUE : -0-00000B
-
PWMO
-
BUZ EC0
INT2
INT1
INT0
BUZ (Buzzer Output)
0: R04 Port (turn off buzzer)
1: BUZ port (turn on buzzer)
00: fMAIN
÷23
01: fMAIN
÷24
10: fMAIN
÷25
11: fMAIN
÷26
or fSUB
÷24
or fSUB
÷23
or fSUB
÷26
or fSUB
÷25


Similar Part No. - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C50 HYNIX-GMS81C50 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com