Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C5108 Datasheet(PDF) 58 Page - Hynix Semiconductor

Part # GMS81C5108
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5108 Datasheet(HTML) 58 Page - Hynix Semiconductor

Back Button GMS81C5108 Datasheet HTML 54Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 55Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 56Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 57Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 58Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 59Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 60Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 61Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 62Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
GMS81C5108
JUNE 2001 Ver 1.0
55
Figure 12-12 Example of PWM at 4MHz
Figure 12-13 Example of Changing the Period in Absolute Duty Cycle (@4MHz)
Example:
Timer1 @4Mhz,
4kHz - 20% duty PWM mode
LDM
R3DR,#0000_XX1XB
;R31 output
LDM
TM1,#0010_0000B
;pwm enable
LDM
T1PWHR,#0000_1100B ;20% duty
LDM
T1PPR,#1110_0111B
;period 250uS
LDM
T1PDR,#1100_0111B
;duty 50uS
LDM
RSR,#X1XX_XXXXB
;set pwm port.
LDM
TM1,#0010_0011B
;timer1 start
X means don’t care
fxin
T1
PWM
01
02
03
04
7F
80
81
3FF
01
02
POL=1
PWM
POL=0
Duty Cycle [80H+1 x 250nS = 32.25uS]
Period Cycle [3FFH x 250nS = 256uS, 3.9kHz]
PWMHR = 0CH
T1PPR = FFH
T1PDR = 80H
T1CK[1:0] = 00 (250nS)
PWM03
PWM02
PWM01
PWM00
T1PPR (8-bit)
T1PDR (8-bit)
Period
Duty
11
FFH
00
80H
00
00
Source
T1
PWM
POL=1
Duty Cycle
Period Cycle [0DH+1 x 2uS = 28uS, 35.7kHz]
P W M H R = 00H
T 1PPR = 0 D H
T 1PDR = 0 4 H
T 1C K [1 :0 ] = 10 (2 uS )
00 01
02
03
04
05
07
08
0A 0B 0C 0D 00 01 02
03
04
05 06
07
08
09
00
01
02 03
06
09
04
[04H+1 x 2uS = 10uS]
Duty Cycle
[04H+1 x 2uS = 10uS]
Period Cycle [09H+1 x 2uS = 20uS, 50kHz]
Duty Cycle
[04H+1 x 2uS = 10uS]
Write T1PPR to 09H
Period changed
clock


Similar Part No. - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C50 HYNIX-GMS81C50 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C5108

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com