Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C50 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 10Page - Hynix Semiconductor GMS81C50 Datasheet HTML 11Page - Hynix Semiconductor GMS81C50 Datasheet HTML 12Page - Hynix Semiconductor GMS81C50 Datasheet HTML 13Page - Hynix Semiconductor GMS81C50 Datasheet HTML 14Page - Hynix Semiconductor GMS81C50 Datasheet HTML 15Page - Hynix Semiconductor GMS81C50 Datasheet HTML 16Page - Hynix Semiconductor GMS81C50 Datasheet HTML 17Page - Hynix Semiconductor GMS81C50 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
HYUNDAI
GMS81C50 Series
11
PIN NAME
INPUT/
OUTPUT
Function
@ RESET @ STOP
R00
I/O
R01
R02
R03
R04
R05
R06
R07
R10
R11/INT1
R12/INT2
R13
R14/EC
R15/T2
R16/T1
R17/T0
R20
R21
R22
R23
R24
XIN
XOUT
REMOUT
RESET
TEST
VDD
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
O
O
I
I
P
- Each bit of the port can be
individually configured as an
input or an output by user software
- Push-pull output
- CMOS input with pull-up resistor
(can be selectable by user software)
- Can be programmable as Key
Scan Input or Open drain output
- Pull-ups are automatically
disabled at output mode
- Each bit of the port can be
individually configured as an
input or an output by user software
- CMOS input with pull-up resistor
(can be selectable by user software)
- Push-pull output
- Can be programmable as
Open drain output
- Direct Driving of LED(N-TR)
- Pull-ups are disabled at output
mode
Low
High
- Oscillator Input
- Oscillator Output
`L` output `L` Output
- High Current Output
`L` level
state
of before
STOP
- Includes pull-up resistor
- Includes pull-up resistor
- Positive power supply
-Ground
Pin Numbers
28Pin 40PDIP 44PLCC 44QFP
28
1
13
41
1
2
14
42
2
3
15
43
3
4
16
44
4
5
17
1
5
6
18
2
6
7
19
3
7
8
20
4
11
16
29
12
12
17
30
13
13
18
31
14
14
19
32
15
17
22
36
19
18
23
37
20
20
26
40
23
21
27
41
24
R25
I/O
R26
I/O
R27
I/O
23
33
4
31
24
34
5
32
25
35
6
33
26
36
7
34
27
37
8
35
-
38
9
36
-
39
10
37
-
40
11
38
VSS
P
10
15
28
11
9
14
27
10
19
24
38
21
16
21
35
18
15
20
33
16
8
11
12,23,24
6,7,39
22
31
1,2.34 17,28,29
R30
R31
R32
R33
R34
I/O
I/O
I/O
I/O
I/O
INPUT
State
of before
STOP
R35
I/O
R36
I/O
R37
I/O
-
28
42
25
-
29
43
26
-
30
44
27
-
32
3
30
-
9
21
4
-
10
22
5
-
12
25
8
-
13
26
9
R40
I/O
-
25
39
22


Similar Part No. - GMS81C50

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com