Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C50 Datasheet(PDF) 96 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 96 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 91Page - Hynix Semiconductor GMS81C50 Datasheet HTML 92Page - Hynix Semiconductor GMS81C50 Datasheet HTML 93Page - Hynix Semiconductor GMS81C50 Datasheet HTML 94Page - Hynix Semiconductor GMS81C50 Datasheet HTML 95Page - Hynix Semiconductor GMS81C50 Datasheet HTML 96Page - Hynix Semiconductor GMS81C50 Datasheet HTML 97Page - Hynix Semiconductor GMS81C50 Datasheet HTML 98Page - Hynix Semiconductor GMS81C50 Datasheet HTML 99Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
Appendix B. Programmer’s guide
B-1
1. General Circuit Diagram of GMS81C50 series
OSC
TR1
1
2
40
39
GND
0.1uF
VCC
vcc
Infrared LED
4MHz
Filter for Vcc-GND
noise
3
4
38
37
5
6
36
35
7
8
34
33
9
10
32
31
11
12
30
29
13
14
28
27
15
16
26
25
17
18
24
23
19
20
22
21
R00
R01
R02
R03
R04
R05
R06
R07
XIN
R10
R11
R12
R13
TEST
R34
R35
VDD
R36
R37
XOUT
R27
R26
R25
R24
R23
R22
R21
R20
R16
R40
REMOUT
R15
R14
RESET
R33
VSS
R32
R31
R30
R17
VCC
17
9
1
18
10
2
19
11
3
20
12
4
21
13
5
22
14
6
23
15
7
24
16
8
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
R00
R01
R02
R03
R04
R05
R06
R07
49
50
51
52
53
54
55
56
73
65
57
74
66
58
75
67
59
76
68
60
77
69
61
78
70
62
79
71
63
80
72
64
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112


Similar Part No. - GMS81C50

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com