Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

913513 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 913513
Description  10.16mm Beau Eurostyle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

913513 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  913513 Datasheet HTML 1Page - Molex Electronics Ltd. 913513 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
913513
Reference - Drawing Numbers
Sales Drawing
SD-39910-002
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 913513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
913513 MOLEX5-913513 Datasheet
497Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 13 Circuits
More results

Similar Description - 913513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39910-0311 MOLEX11-39910-0311 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0312 MOLEX11-39910-0312 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0308 MOLEX11-39910-0308 Datasheet
37Kb / 2P
   10.16mm Beau Eurostyle
39910-0306 MOLEX11-39910-0306 Datasheet
37Kb / 2P
   10.16mm Beau Eurostyle
39910-0107 MOLEX11-39910-0107 Datasheet
37Kb / 2P
   10.16mm Beau Eurostyle
39910-0111 MOLEX11-39910-0111 Datasheet
41Kb / 2P
   10.16mm Beau Eurostyle
39910-0305 MOLEX11-39910-0305 Datasheet
41Kb / 2P
   10.16mm Beau Eurostyle
39910-0310 MOLEX11-39910-0310 Datasheet
37Kb / 2P
   10.16mm Beau??Eurostyle?
39910-0104 MOLEX11-39910-0104 Datasheet
38Kb / 2P
   10.16mm Beau Eurostyle
39910-0108 MOLEX11-39910-0108 Datasheet
38Kb / 2P
   10.16mm Beau Eurostyle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com