Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GM71V17403C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part No. GM71V17403C
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

GM71V17403C Datasheet(HTML) 2 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GM71V17403C
GM71VS17403CL
Rev 0.1 / Apr’01
Pin Description
Pin
Function
Pin
Function
A0-A10
A0-A10
I/O1-I/O4
VCC
VSS
Address Inputs
Refresh Address Inputs
Data Input/Data Output
Row Address Strobe
Column Address Strobe
Read/Write Enable
Output Enable
Power (+3.3V)
Ground
Ordering Information
Type No.
Access Time
Package
GM71V(S)17403CJ/CLJ-5
GM71V(S)17403CJ/CLJ-6
GM71V(S)17403CJ/CLJ-7
50ns
60ns
70ns
300 Mil
24(26) Pin
Plastic SOJ
GM71V(S)17403CT/CLT-5
GM71V(S)17403CT/CLT-6
GM71V(S)17403CT/CLT-7
300 Mil
24(26) Pin
Plastic TSOP II
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
TA
TSTG
VIN/OUT
VCC
IOUT
0 ~ 70
-55 ~ 125
-0.5 ~ Vcc+0.5
(<=4.6V(MAX))
-0.5 ~ 4.6
50
Ambient Temperature under Bias
Storage Temperature
Voltage on any Pin Relative to VSS
Supply Voltage Relative to VSS
Short Circuit Output Current
V
V
mA
PD
1.0
Power Dissipation
W
Note: All voltage referred to Vss.
RAS
CAS
Recommended DC Operating Conditions (TA = 0 ~ 70C)
Symbol
Parameter
Unit
VCC
VIH
VIL
Supply Voltage
Input High Voltage
Input Low Voltage
V
V
V
Max
3.6
VCC + 0.3
0.8
Typ
3.3
-
-
Min
3.0
2.0
-0.3
C
C
NC
No Connection
OE
WE
50ns
60ns
70ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GM71CS17403C4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
GM71C17400C4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
THM94000S4 194 304 WORDS x 9 BIT DYNAMIC RAM MODULE 1 2 3 4 5 MoreToshiba Semiconductor
VG26VS17400E4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
VG26VS17400FJ4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
VG26VS17405FJ4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
GM71C17800C2 097 152 WORDS x 8 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
GM71C18163C1 048 576 WORDS x 16 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
MSC23S4641E4 194 304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE 2BANK : 1 2 3 4 5 MoreOKI electronic componets
GM71V18163C1 048 576 WORDS x 16 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn