Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GM71V17403C Datasheet(PDF) 1 Page - Hynix Semiconductor

Part No. GM71V17403C
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

GM71V17403C Datasheet(HTML) 1 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4,194,304 WORDS x 4 BIT
CMOS DYNAMIC RAM
Description
The GM71V(S)17403C/CL is the new
generation dynamic RAM organized 4,194,304
words x 4 bit. GM71V(S)17403C/CL has
realized higher density, higher performance and
various functions by utilizing advanced CMOS
process technology. The GM71V(S)17403C/CL
offers Extended Data Out (EDO) Page Mode as
a high speed access mode. Multiplexed address
inputs permit the GM71V(S)17403C/CL to be
packaged in a standard 300 mil 24(26) pin SOJ,
and a standard 300 mil 24(26) pin plastic TSOP
II. The package size provides high system bit
densities and is compatible with widely
available automated testing and insertion
equipment. System oriented features include
single power supply 3.3V +/- 0.3V tolerance,
direct interfacing capability with hig h
performance logic families such as Schottky
TTL.
Features
* 4,194,304 Words x 4 Bit Organization
* Extended Data Out Mode Capability
* Single Power Supply (3.3V +/- 0.3V)
* Fast Access Time & Cycle Time
* Low Power
Active : 432/369/360mW (MAX)
Standby : 7.2mW (CMOS level : MAX)
: 0.36mW (L-version : MAX)
* RAS Only Refresh, CAS before RAS Refresh,
Hidden Refresh Capability
*All inputs and outputs TTL Compatible
* 2048 Refresh Cycles/32ms
* 2048 Refresh Cycles/128ms (L-version)
* Self Refresh Operation (L-version)
* Battery Backup Operation (L-version)
* Test Function : 16bit parallel test mode
GM71V(S)17403C/CL-5
GM71V(S)17403C/CL-6
GM71V(S)17403C/CL-7
tRAC tCAC
tRC
tHPC
50
60
13
15
84
104
20
25
70
18
124
30
(Top View)
Pin Configuration
24(26) SOJ
VCC
I/O1
I/O2
WE
RAS
NC
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
24(26) TSOP II
VCC
I/O1
I/O2
WE
RAS
A11
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
(Unit: ns)
GM71V17403C
GM71VS17403CL
Rev 0.1 / Apr’01


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GM71CS17403C4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
GM71C17400C4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
THM94000S4 194 304 WORDS x 9 BIT DYNAMIC RAM MODULE 1 2 3 4 5 MoreToshiba Semiconductor
VG26VS17400E4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
VG26VS17400FJ4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
VG26VS17405FJ4 194 304 x 4 - Bit CMOS Dynamic RAM 1 2 3 4 5 MoreVanguard International Semiconductor
GM71C17800C2 097 152 WORDS x 8 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
GM71C18163C1 048 576 WORDS x 16 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
MSC23S4641E4 194 304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE 2BANK : 1 2 3 4 5 MoreOKI electronic componets
GM71V18163C1 048 576 WORDS x 16 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn