Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GM71CS17403C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GM71CS17403C
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71CS17403C Datasheet(HTML) 2 Page - Hynix Semiconductor

  GM71CS17403C Datasheet HTML 1Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 2Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 3Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 4Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 5Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 6Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 7Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 8Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GM71C(S)17403C/CL
Rev 0.1 / Apr’01
Pin Description
Pin
Function
Pin
Function
A0-A10
A0-A10
I/O1-I/O4
VCC
VSS
Address Inputs
Refresh Address Inputs
Data-input/Data-output
Row Address Strobe
Column Address Strobe
Read/Write Enable
Output Enable
Power (+5V)
Ground
Ordering Information
Absolute Maximum Ratings*
Symbol
Parameter
Rating
Unit
TA
TSTG
VIN/VOUT
VCC
IOUT
0 ~ 70
-55 ~ 125
-1.0 ~ 7.0
-1.0 ~ 7.0
50
Ambient Temperature under Bias
Storage Temperature (Plastic)
Voltage on any Pin Relative to VSS
Voltage on VCC Relative to VSS
Short Circuit Output Current
V
V
mA
PD
1.0
Power Dissipation
W
Note: Operation at or above Absolute Maximum Ratings can adversely affect device reliability.
RAS
CAS
Recommended DC Operating Conditions (TA = 0 ~ 70C)
Symbol
Parameter
Unit
VCC
VIH
VIL
Supply Voltage
Input High Voltage
Input Low Voltage
V
V
V
Max
5.5
6.5
0.8
Typ
5.0
-
-
Min
4.5
2.4
-1.0
WE
OE
C
C
NC
No Connection
Type No.
Access Time
Package
GM71C(S)17403CJ/CLJ-5
GM71C(S)17403CJ/CLJ-6
GM71C(S)17403CJ/CLJ-7
50ns
60ns
70ns
300 Mil
24(26) Pin
Plastic SOJ
GM71C(S)17403CT/CLT-5
GM71C(S)17403CT/CLT-6
GM71C(S)17403CT/CLT-7
300 Mil
24(26) Pin
Plastic TSOP II
50ns
60ns
70ns


Similar Part No. - GM71CS17403C

ManufacturerPart #DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
GM71CS17400C HYNIX-GM71CS17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71CS17400CL HYNIX-GM71CS17400CL Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71CS17403C

ManufacturerPart #DatasheetDescription
Hynix Semiconductor
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Vanguard International Semiconductor
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
Toshiba Semiconductor
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
Hitachi Semiconductor
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
Toshiba Semiconductor
Toshiba Semiconductor
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
Hitachi Semiconductor
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com