Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R222941100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R222941100
Description  STRAIGHT MALE RECEPTACLE SMT FULL DETENT-TAPE AND REEL BY 500
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R222941100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R222941100 Datasheet HTML 1Page - List of Unclassifed Manufacturers R222941100 Datasheet HTML 2Page - List of Unclassifed Manufacturers R222941100 Datasheet HTML 3Page - List of Unclassifed Manufacturers R222941100 Datasheet HTML 4Page - List of Unclassifed Manufacturers R222941100 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
2 / 5
STRAIGHT MALE RECEPTACLE SMT
R222.941.100
FULL DETENT-TAPE AND REEL BY 500
Series : SMP-COM
Issue : 1121
C
In the effort to improve our products, we reserve the right to make changes judged to be
necessary.
PACKAGING
SPECIFICATION
Standard
Unit
Other
500
Contact us
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL
Impedance
50
Operating temperature
-55/+125 ° C
Frequency
0-12.4* GHz
Hermetic seal
NA Atm.cm3/s
VSWR
1.1** + 0,0000 x F(GHz) Maxi
Panel leakage
NA
Insertion loss
0.12
√F(GHz) dB Maxi
RF leakage
- (
NA - F(GHz)) dB Maxi
Voltage rating
335 Veff Maxi
Dielectric withstanding voltage
500 Veff mini
Insulation resistance
5000 M
Ω mini
OTHER CHARACTERISTICS
Assembly instruction
NA
Others :
* ROS 1.35 at 12.4GHz
MECHANICAL CHARACTERISTICS
**ROS at 6GHz
Center contact retention
Axial force – Mating end
6.8 N mini
Axial force – Opposite end
6.8 N mini
Torque
NA N.cm mini
Recommended torque
Mating
NA N.cm
Panel nut
NA N.cm
Mating life
100 Cycles mini
Weight
0,3350 g


Similar Part No. - R222941100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R222941300 ETC2-R222941300 Datasheet
125Kb / 5P
   STRAIGHT MALE RECEPTACLE SMT LIMITED DETENT-TAPE AND REEL BY 500
More results

Similar Description - R222941100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R222941300 ETC2-R222941300 Datasheet
125Kb / 5P
   STRAIGHT MALE RECEPTACLE SMT LIMITED DETENT-TAPE AND REEL BY 500
R222940100 ETC2-R222940100 Datasheet
90Kb / 5P
   STRAIGHT MALE RECEPTACLE PIN IN PASTE FULL DETENT-TAPE AND REEL BY 500
R222508300 ETC2-R222508300 Datasheet
577Kb / 6P
   MALE STRAIGHT RECEPTACLE FOR PCB SMT TYPE - LIMITED DETENT - REEL 500
logo
Molex Electronics Ltd.
0733000021 MOLEX-0733000021_V01 Datasheet
57Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape on Reel (500 Pieces)
logo
List of Unclassifed Man...
R222M00700 ETC2-R222M00700 Datasheet
212Kb / 5P
   STRAIGHT MALE RECEPTACLE FOR SMT SLIDE TYPE - REEL OF 500
logo
Molex Electronics Ltd.
0733000081 MOLEX11-0733000081 Datasheet
52Kb / 1P
   50 Ohms, SMPM Plug, PCB Mount, Vertical, Full Detent, Tape and Reel
0734200202 MOLEX11-0734200202 Datasheet
55Kb / 1P
   50 Ohms, SMP-MAX Jack Detent Vertical PCB, SMT Mount, Tape and Reel
0733000021 MOLEX11-0733000021 Datasheet
68Kb / 1P
   SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tape On Reel
0734205392 MOLEX11-0734205392 Datasheet
51Kb / 1P
   50 Ohms, SMP-MAX Plug Detent, Straight, PCB Through Hole, Signal SMT, Tape and Reel with Cap
0734205393 MOLEX11-0734205393 Datasheet
51Kb / 1P
   50 Ohms, SMP-MAX Plug Detent, Straight, PCB Through Hole, Signal SMT, Tape and Reel with Kapton
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com