Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM16C550 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GM16C550
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM16C550 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GM16C550 Datasheet HTML 1Page - Hynix Semiconductor GM16C550 Datasheet HTML 2Page - Hynix Semiconductor GM16C550 Datasheet HTML 3Page - Hynix Semiconductor GM16C550 Datasheet HTML 4Page - Hynix Semiconductor GM16C550 Datasheet HTML 5Page - Hynix Semiconductor GM16C550 Datasheet HTML 6Page - Hynix Semiconductor GM16C550 Datasheet HTML 7Page - Hynix Semiconductor GM16C550 Datasheet HTML 8Page - Hynix Semiconductor GM16C550 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
GM16C550
3
AC Characteristics
C
0
T
A
°
=
to
V
5
V
,
C
70
CC =
°
+
± 5%
Symbol
Parameter
Min
Max
Units
Conditions
ADS
t
Address Srobe Width
60
ns
AH
t
Address Hold Time
0
ns
AR
t
RD
,
RD
Delay from Address
30
ns
Note 1
AS
t
Address Setup Time
60
ns
AW
t
WR
,
WR
Delay from Select
30
ns
Note 1
CH
t
Chip Select Hold Time
0
ns
CS
t
Chip Select Setup time
60
ns
CSR
t
RD
,
RD
Delay from Chip Select
30
ns
Note 1
CSW
t
WR
,
WR
Delay from Select
30
ns
Note 1
DH
t
Data Hold Time
30
ns
DS
t
Date Setup Time
30
ns
HZ
t
RD
,
RD
to Floating Data Delay
0
100
ns
100 pF loading, Note 3
MR
t
Master Reset Pulse Width
5
ns
RA
r
Address Hold Time from
RD
,
RD
20
ns
Note 1
RC
t
Read Cycle Delay
125
ns
RCS
t
Chip Select Hold Time from
RD
,
RD
20
ns
Note 1
RD
t
RD
,
RD
Strobe Width
125
ns
RDD
t
RD
,
RD
to Driver Enable/Disable
60
ns
100 pF loading, Note 3
RVD
t
Delay from -
RD
,
RD
to Data
125
ns
100 pF loading,
WA
t
Address Hold Time from
WR
,
WR
20
ns
Note 1
WC
t
Write Cycle Delay
150
ns
WCA
t
Chip Select Hold Time from
WR
,
WR
20
ns
Note 1
WR
t
WR
,
WR
Strobe Width
100
ns
XH
t
Duration of clock High Pulse
55
ns
External Clock (8.0 MHz Max.)
XL
t
Duration of clock Low Pulse
55
ns
Exrternal Clock (8.9 MHz Max.)
RC
Read Cycle=
RC
RD
AR
t
t
t
+
+
280
ns
Note 4
WC
Write Cycle=
WC
WR
AW
t
t
t
+
+
280
ns
Baud Generator
N
Baud Divisor
1
16
2 -1
BHD
t
Baud Output Positive Edge Delay
175
ns
100 pF load
BLD
t
Baud Output Negative Edge Delay
175
ns
100 pF load
HW
t
Baud Output Up Time
75
ns
MHz
0
.
8
f X =
, +2, 100 pF load
LW
t
Baud Output Down Time
100
ns
MHz
0
.
8
f X =
, +2, 100 pF load


Similar Part No. - GM16C550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
GTM CORPORATION
GM161 GTM-GM161 Datasheet
388Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM1616A GTM-GM1616A Datasheet
262Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GM1616A ETL-GM1616A Datasheet
264Kb / 3P
   N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
GTM CORPORATION
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GM16C550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com