Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX-4803 Datasheet(PDF) 1 Page - Epson Company

Part # RX-4803
Description  REAL TIME CLOCK MODULE (SPI-Bus)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RX-4803 Datasheet(HTML) 1 Page - Epson Company

  RX-4803 Datasheet HTML 1Page - Epson Company RX-4803 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Real time clock module
Actual size
Block diagram
Overview
High Stability
UA ± 3.4 x 10-6 / -40 ºC to +85 ºC
( Equivalent to 9 seconds of month deviation )
UB
± 5.0 x 10
-6
/
-40 ºC to +85 ºC
( Equivalent to 13 seconds of month deviation )
UC
± 5.0 x 10
-6
/
-30 ºC to +70 ºC
AA
(+5 ± 5.0) x 10
-6
/
+25 ºC
High Resolution: 1/100s Time register with capture buffer
 32.768 kHz frequency output function
 FOUT pin output (C-MOS output), CL=30 pF
 Output selectable: 32.768 kHz, 1024 Hz, 1 Hz
 The various interrupt
 Timer Function can be set between 1/ 4096 second and
4095 minutes.
 Alarm Function can be set to day of week, day, hour, or minute.
 EVIN input.
 Time synchronize function with 1PPS signal input
 Register compatibility: upper compatible with RX-4801.
*It is possible to use it by the terminal connection as
32.768 kHz-DTCXO.
Pin Function
Terminal connection
/External dimensions
(Unit:mm)
RX
4803SA
1.
CE
14.
DI
2.
CLK
13.
DO
3.
FOUT
12.
T2(VPP)
4.
N.C.
11.
GND
5.
TEST
10.
/
INT
6.
VDD
9.
EVIN
7.
FOE
5.0
7.40.2
8.
N.C.
SOP14 pin
RX
4803LC
1. N.C.
12.
EVIN
2. FOE
11.
/INT
3. VDD
10.
GND
4. FOUT
9.
T2(Vpp)
5. CLK
8.
DO
6. CE
2.4
2.8
7.
DI
VSOJ
12pin
The metal case inside of the molding compound may be exposed on the top or bottom of this product.
This purely cosmetic and does not have any effect on quality, reliability or electrical specs.
Specifications (characteristics)
 Refer to application manual for details.
REAL TIME CLOCK MODULE (SPI-Bus)
Built-in 32.768 kHz-DTCXO, High Stability
RX - 4803 SA/LC
Built in frequency adjusted 32.768 kHz crystal unit and DTCXO.
1/100s resolution Time register
Interface Type
: 4-wire serial interface
Interface voltage range
: 1.6 V to 5.5 V
Temp. compensated voltage range
: 2.2 V to 5.5 V
Clock supply voltage range
: 1.6 V to 5.5 V
 Selectable clock output (32.768 kHz, 1024 Hz, 1 Hz)
The various functions include full calendar, alarm, timer, EVIN input.
Epson is prepared Linux driver for this product.
(http://www5.epsondevice.com/en/quartz/tech/linux_for_rtc/index.html)
The registered trademark Linux® is used pursuant to a sublicense from LMI(Linux Mark Institute)
Signal Name
I / O
Function
CE
input
The chip enable input pin.
CLK
input
The shift clock input pin for serial data transfer.
FOUT
Output
The pin outputs the reference clock signal.
( CMOS output )
TEST
input
Use by the manufacture for testing.
( Do not connect externally. RX-4803SA only.)
VDD
-
Connected to a positive power supply
FOE
input
The input pin for the FOUT output control.
EVIN
input
External event input.
/ INT
Output
Interrupt output (N-ch. open drain).
GND
-
Connected to a ground
T2(VPP)
-
Use by the manufacture for testing.
( Do not connect externally.)
DO
Output
The data output pin for serial data transfer.
D I
input
The data input pin for serial data transfer.
Electrical Characteristics
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Interface voltage
VDD
 Interface voltage
1.6
3.0
5.5
V
Temp. compensated Voltage
VTEM
Temp. compensated voltage
2.2
3.0
5.5
V
Clock supply voltage
VCLK
-
1.6
3.0
5.5
V
Operating temperature
TOPR
No condensation
-40
+25
+85
ºC
Stability
f/f
UA
Ta
= -40 ºC to +85 ºC
±3.4
1
10-6
UB
Ta
=-40 ºC to +85 ºC
±5.0
2
UC
Ta
= -30 ºC to +70 ºC
AA
Ta
=+25 ºC
5 ± 5.0
3
Current consumption (1)
IDD1
Backup Mode
FOE = GND,
/INT = VDD
FOUT output : OFF
VDD = 5V
-
0.75
3.4
A
Current consumption (2)
IDD2
VDD = 3V
-
0.75
2.1
1) Equivalent to 9 seconds of month deviation. 2)Equivalent to 13 seconds of month deviation.
3)
Equivalent to 13 seconds of month deviation. ( excluding offset )
Product Number (Please contact us)
RX-4803SA: X1B000132xxxx00
RX-4803LC: X1B000122xxxx00
RX-4803SA
RX-4803LC
32.768 kHz-DTCXO Frequency temperature characteristics (Example)
Frequency temperature characteristics
-30
-25
-20
-15
-10
-5
0
5
10
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
Temperature (ºC)
Tuning fork X'tal
32.768 kHz DTCXO
32kHz
DTCXO
32.768 kHz
EVIN
CLOCK
and
CALENDAR
TIMER
REGISTER
ALARM
REGISTER
FOUT
CONTROLLER
SYSTEM
CONTROLLER
and
CONTROL
REGISTER
DIVIDER
INTERRUPT
CONTROLLER
INTERFACE
CIRCUIT
FOUT
FOE
/ INT
CLK
DO
D I
CE
*Stop using the glue
Any glue must never use it after soldering LC-package to a circuit board.This product has glass on the back side
of a package.When glue invasions between circuit board side and glass side, then glass cracks by thermal
expansion of glue.In this case a crystal oscillation stops.Consider glue abolition or glue do not touch to
LC-package


Similar Part No. - RX-4803

ManufacturerPart #DatasheetDescription
logo
Epson Company
RX-4803SA EPSON-RX-4803SA Datasheet
313Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
More results

Similar Description - RX-4803

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4045 EPSON-RX-4045 Datasheet
262Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4574LC EPSON-RX-4574LC Datasheet
244Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4575LC EPSON-RX-4575LC Datasheet
292Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4571LC EPSON-RX-4571LC Datasheet
377Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX4901CE EPSON-RX4901CE Datasheet
708Kb / 3P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574SA EPSON-RTC-4574SA Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4045SA EPSON-RX-4045SA_15 Datasheet
262Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com