Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7906E Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T7906E
Description  Single Point to Point IEEE 1355 High Speed Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906E Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T7906E_14 Datasheet HTML 7Page - ATMEL Corporation T7906E_14 Datasheet HTML 8Page - ATMEL Corporation T7906E_14 Datasheet HTML 9Page - ATMEL Corporation T7906E_14 Datasheet HTML 10Page - ATMEL Corporation T7906E_14 Datasheet HTML 11Page - ATMEL Corporation T7906E_14 Datasheet HTML 12Page - ATMEL Corporation T7906E_14 Datasheet HTML 13Page - ATMEL Corporation T7906E_14 Datasheet HTML 14Page - ATMEL Corporation T7906E_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
4166D–AERO–04/07
T7906E
PLL-Filter
The pin PLLOUT should be connected as shown below:
R1 = 249_ ± 5%, ¼W
C1 = 1nF, ± 5%, 20V
C2 = 15nF, ± 5%, 20V
Power and Ground Guidelines
To achieve its fast cycle time, the T7906E is designed with high speed drivers on output pins.
Large peak currents may pass through a circuit board’s ground and power lines, especially when
many output drivers are simultaneously charging or discharging their load capacitances. These
transient currents can cause disturbances on the power and ground lines. To minimize these
effects, the T7906E provides separate supply pins for its internal logic and for its external
drivers.
All GND pins should have a low impedance path to ground. A ground plane is required in
T7906E systems to reduce this impedance, minimizing noise.
The VCC pins should be bypassed to the ground plane using 8 high-frequency capacitors (0.1
mF ceramic). Keep each capacitor’s lead and trace length to the pins as short as possible. This
low inductive path provides the T7906E with the peak currents required when its output drivers
switch. The capacitors’ ground leads should also be short and connect directly to the ground
plane. This provides a low impedance return path for the load capacitance of the T7906E output
drivers.
The following pins must have a capacitor: 1, 4, 16, 27, 56, 61, 88 and 99.
T7906E
PLLOUT
C1
R1
C2


Similar Part No. - T7906E_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906EDD-E ATMEL-T7906EDD-E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EDDMQ ATMEL-T7906EDDMQ Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EDDSV ATMEL-T7906EDDSV Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EKST/883 ATMEL-T7906EKST/883 Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EKT ATMEL-T7906EKT Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
More results

Similar Description - T7906E_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_07 Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E Datasheet
292Kb / 31P
   Tripple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
   Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com