Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RB2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51RB2
Description  No Active Erratas in Latest Version of Bootloader
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2 Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51RB2_14 Datasheet HTML 1Page - ATMEL Corporation T89C51RB2_14 Datasheet HTML 2Page - ATMEL Corporation T89C51RB2_14 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
T89C51RB2/RC2/IC2 Bootloader Errata Sheet
4187A–8051–10/02
5.
Bad Interrupt Handling During an API Call
Interrupts are not disabled during all API process. This may cause interaction with software application interrupts using
MOVX instruction.
API functions always enable interrupts (set EA) before exiting. This may cause trouble if API is called from a software
program section requiring interrupts to be disabled.
Workaround
The software application should save and disable EA before an API call. On API return, the software application should
restore EA setting.
6.
Program Data Byte and Data Page API Return Value
The PROGRAM DATA BYTE API and DATA PAGE API returns “01h” instead of “00” into the accumulator, when Flash
write process passed.
Workaround
The software application should take into account that return value is “01” with 1.1.1 bootloader version.
7.
No Further ISP is Possible When OSCB Fuse Bit Set and 32 kHz are Connected to XTAL2 for T89C51IC2
Product Only
When OSCB fuse bit is set (written with 0), and XTAL2A/B pins connected to a 32 kHz oscillator, no serial ISP is
possible.
Workaround
Connect at least a 1.8432 MHz signal to XTAL2A pin.


Similar Part No. - T89C51RB2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RB2-3CBCL ATMEL-T89C51RB2-3CBCL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBCM ATMEL-T89C51RB2-3CBCM Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBIL ATMEL-T89C51RB2-3CBIL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CBIM ATMEL-T89C51RB2-3CBIM Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
T89C51RB2-3CSCL ATMEL-T89C51RB2-3CSCL Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
More results

Similar Description - T89C51RB2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
logo
STMicroelectronics
AN3155 STMICROELECTRONICS-AN3155 Datasheet
1Mb / 37P
   USART protocol used in the STM32 bootloader
AN3154 STMICROELECTRONICS-AN3154 Datasheet
638Kb / 34P
   CAN protocol used in the STM32 bootloader
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
1Mb / 9P
   2 KB of On-chip Flash for Bootloader
AT90USB128X ATMEL-AT90USB128X Datasheet
194Kb / 28P
   USB DFU Bootloader
logo
STMicroelectronics
AN4221 STMICROELECTRONICS-AN4221 Datasheet
663Kb / 51P
   I2C protocol used in the STM32 bootloader
AN4286 STMICROELECTRONICS-AN4286 Datasheet
555Kb / 38P
   SPI protocol used in the STM32 bootloader
logo
Murata Power Solutions ...
VR11CB150CU-1C MURATA-PS-VR11CB150CU-1C Datasheet
286Kb / 6P
   No Load Line Version of Intel짰 VRM 11.0
logo
PHOENIX CONTACT
2700006 PHOENIX-2700006 Datasheet
50Kb / 1P
   Think & Do 8 (latest version), USB key
logo
STMicroelectronics
AN3156 STMICROELECTRONICS-AN3156 Datasheet
400Kb / 26P
   USB DFU protocol used in the STM32 bootloader
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com