Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51CC02 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T89C51CC02
Description  Flash/EEPROM ??First Read After Load Disturbed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02 Datasheet(HTML) 5 Page - ATMEL Corporation

  T89C51CC02_14 Datasheet HTML 1Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 2Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 3Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 4Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 5Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 6Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
4160F–CAN–05/06
T89C51CC02 Errata Sheet
Active UART Bootloader Errata List
• Timer 2 and UART Are Not De-activated
• Watchdog and Flash API Starting the Bootloader Execution
• Autobaud False Start Bit Detection
• Flash API “__api_wr_code_page” with 0 Data in Length Parameter Field
UART Bootloader Errata History
UART Bootloader Errata Description
1.
Timer 2 and UART Are Not De-activated
When the bootloader receives the command “Start Application” (LJMP 0), the Timer 2 and the UART are not de-
activated.
Workaround
The application must have in its setup function a reset of Timer 2 and UART.
mov SCON, #00h
mov T2CON, #00h
mov RCAP2L, #00h
mov RCAP2H, #00h
mov TL2, #00h
mov TH2, #00h
2.
Watchdog and Flash API Starting the Bootloader Execution
When an application call “__api_start_bootloader” or”__api_start_isp” routines while the watchdog is enabled, when
the watchdog overflow it will restart the application instead of the bootloader
Workaround
Set BLJB(=1) before calling the __api_start_bootloader or __api_start_isp if the watchdog is used.
3.
Autobaud False Start Bit Detection
UART autobaud sequence does not work on some special UARTs.
Some laptops have the UART TX line set to 0 when unused (COM port closed), this results in a false baud rate calcu-
lation on the ‘U’ character.
The autobaud sequence checkes for a ‘0’ state (not a falling edge) on the Rx line of the UART microcontroller to detect
the ‘start’ bit of the ‘U’ synchro character.
As this line is ‘0’ by default when COM port is closed, the autobaud routine starts its baudrate calculation at the opening
sequence of the UART.
Workaround
A ‘Special Sync’ can be used with ‘FLIP’ software.
In this case, the open port event and the ‘U’ sent are dissociated. The user must first open his COM port with the ‘con-
nect’ button, then reset its hardware and finally push the ‘sync’ button.
4.
Flash API “__api_wr_code_page” with 0 Data in Length Parameter Field
When the flash api “__api_wr_code_page” is called with the field nb_data equal 0 then 255 data are wrote in flash.
Workaround
Include a test on nb_data before executed __api_wr_code_page routine.
Version Number
Errata List
1.2
1, 2, 3, 4


Similar Part No. - T89C51CC02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
1Mb / 7P
   Boot Code Section with Independent Lock Bits
More results

Similar Description - T89C51CC02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
logo
Texas Instruments
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
[Old version datasheet]   Read This First
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
ATAM894 ATMEL-ATAM894_14 Datasheet
1Mb / 97P
   Read Protection for the EEPROM Program Memory
logo
Winbond
W55FXX WINBOND-W55FXX Datasheet
75Kb / 7P
   SERIAL FLASH EEPROM SERIES
logo
Sanyo Semicon Device
LE28F1101T-40 SANYO-LE28F1101T-40 Datasheet
182Kb / 15P
   1M(65536words횞16bits) Flash EEPROM
logo
Holtek Semiconductor In...
HT66F20-1 HOLTEK-HT66F20-1 Datasheet
7Mb / 211P
   Flash MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com