Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL3812 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL3812
Description  AUDIO/VIDEO SWITCH FOR TV, VCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3812 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL3812 Datasheet HTML 1Page - Hynix Semiconductor GL3812 Datasheet HTML 2Page - Hynix Semiconductor GL3812 Datasheet HTML 3Page - Hynix Semiconductor GL3812 Datasheet HTML 4Page - Hynix Semiconductor GL3812 Datasheet HTML 5Page - Hynix Semiconductor GL3812 Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GL3812
4
Pin Description
No.
Name
Explanation
No.
Name
Explanation
1
AUDIO-IN (
1
L )
Input of L-Ch Audio Signal
for Video (
1
V ).
13
MODE-IN (C1)
Input for Mode
Selection
2
AUDIO-IN (
2
L )
Input of L-Ch Audio Signal
for Video (
2
V ).
14
MODE-OUT (
3
V /H)
Output Voltage of this Pin
Becomes High State,
Only when
3
V is Selected
Else Low State
3
AUDIO-IN (
3
L )
Input of L-Ch Audio Signal
for Video (
3
V ).
4
AUDIO-IN (
1
R )
Input of R-Ch Audio Signal
for Video (
1
V ).
15
MODE-OUT (TV/L)
Output Voltage of this Pin
Becomes Low State, Only
when TV is selected.
Else High State.
5
AUDIO-IN (
2
R )
Input of R-Ch Audio Signal
for Video (
2
V ).
16
VIDEO-OUT
Output of Selected Video
Signal
6
AUDIO-IN (
3
R )
Input of R-Ch Audio Signal
for Video (
3
V ).
17
AUDIO-OUT(R)
Output of Selected R-CH
Audio Signal
7
VIDEO-IN (
1
V )
Input of V Video Signal.
18
AUDIO-OUT (L)
Output of Selected L-CH
Audio Signal
8
1
CC
V
Power Supply for Video
and Logic Block.
19
VIDEO-IN (TV)
Input of TV Video Signal
9
VIDEO-IN (
2
V )
Input of video Signal.
20
2
CC
V
Power Supply for Audio
Block
10
GND
21
AUDIO-IN (R-TV)
Input of R-CH Audio
Signal for Video (TV).
11
MODE-IN (C0)
Input for Mode Selection.
12
VIDEO-IN (
3
V )
Input of V Video Signal.
22
AUDIO-IN (L-TV)
Input of L-CH Audio
Signal for Video (TV).


Similar Part No. - GL3812

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL381 SHARP-GL381 Datasheet
32Kb / 3P
    High Output, f 3mm ResinMold Type Infrared Emitting Diode
More results

Similar Description - GL3812

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
LA7954 SANYO-LA7954 Datasheet
72Kb / 4P
   Video Switch for TV/VCR Use
LA7957 SANYO-LA7957 Datasheet
102Kb / 5P
   Video Switch for TV/VCR Use
LA7955 SANYO-LA7955 Datasheet
147Kb / 6P
   Video Switch for TV/VCR Use
LA7956 SANYO-LA7956 Datasheet
86Kb / 4P
   Video Switch for TV/VCR Use
LA7951 SANYO-LA7951 Datasheet
93Kb / 4P
   Video Switch for TV/VCR Use
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
   Audio/Video Switch for PAL System VCR
LA7223 SANYO-LA7223 Datasheet
262Kb / 6P
   AUDIO / VIDEO SWITCH FOR PAL VCR USE
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
   For TV, VTR Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com