Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87C51RB2 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT87C51RB2
Description  Programmable Clock Out and Up/Down Timer/Counter 2
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C51RB2 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT87C51RB2_14 Datasheet HTML 35Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 36Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 37Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 38Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 39Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 40Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 41Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 42Page - ATMEL Corporation AT87C51RB2_14 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
39
4188F–8051–01/08
AT/TS8xC51Rx2
Reset Value = 00X1 0000b
Not bit addressable
Power-off flag reset value will be 1 only after a power on (cold reset). A warm reset doesn’t affect
the value of this bit.
Bit
Number
Bit
Mnemonic
Description
7
SMOD1
Serial port Mode bit 1
Set to select double baud rate in mode 1, 2 or 3.
6
SMOD0
Serial port Mode bit 0
Clear to select SM0 bit in SCON register.
Set to to select FE bit in SCON register.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
POF
Power-Off Flag
Clear to recognize next reset type.
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by software.
3
GF1
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2
GF0
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1
PD
Power-Down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0
IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.


Similar Part No. - AT87C51RB2_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AT87C51RB2-3CSUL IRF-AT87C51RB2-3CSUL Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT87C51RB2-3CSUL ATMEL-AT87C51RB2-3CSUL Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
AT87C51RB2-3CSUM IRF-AT87C51RB2-3CSUM Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT87C51RB2-3CSUM ATMEL-AT87C51RB2-3CSUM Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
AT87C51RB2-RLTUL IRF-AT87C51RB2-RLTUL Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
More results

Similar Description - AT87C51RB2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C51RA2 ATMEL-TS80C51RA2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C54 ATMEL-TS87C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C58X2 ATMEL-TS87C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT83C51RD2 ATMEL-AT83C51RD2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C58X2 ATMEL-TS80C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
T83C5101 ATMEL-T83C5101_14 Datasheet
679Kb / 58P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RC2 ATMEL-AT87C51RC2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com