Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ540_2015 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BFQ540_2015
Description  NPN wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ540_2015 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFQ540_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ540_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2000 May 23
5
Philips Semiconductors
Product specification
NPN wideband transistor
BFQ540
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
MRA688
1.0
0.8
0.6
0.4
0.2
0
04
8
12
Cre
(pF)
VCB (V)
Fig.5
Transition frequency as a function of
collector current; typical values.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MRA689
fT
(GHz)
IC (mA)
12
8
4
0
10−1
110
102
VCE = 8V
VCE = 4V
Fig.6
Intermodulation distortion as a function of
collector current; typical values.
VCE = 8 V; Vo = 475 mV; RL =50 Ω.
fp +fq − fr = 793.25 MHz; Tamb =25 °C.
handbook, halfpage
10
60
20
70
60
MBG242
50
40
30
20
30
40
50
dim
(dB)
IC (mA)
Fig.7
Second order intermodulation distortion as
a function of collector current; typical
values.
VCE = 8 V; Vo = 225 mV; RL =50 Ω; fp +fq = 810 MHz;
Tamb =25 °C.
handbook, halfpage
10
60
MBG243
20
30
40
50
20
70
60
50
40
30
d2
(dB)
IC (mA)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn