Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ67W_2015 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BFQ67W_2015
Description  BFQ67W_2015
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ67W_2015 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFQ67W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67W
In Figs 6 to 9, GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available
gain.
Fig.6 Gain as a function of collector current.
VCE = 8 V; f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MRC042
0
5
10
15
20
0
5
10
15
20
25
30
35
MSG
Gmax
gain
(dB)
IC (mA)
GUM
Fig.7 Gain as a function of frequency.
IC = 5 mA; VCE = 8 V; Tamb =25 °C.
handbook, halfpage
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MRC040
MSG
GUM
Gmax
gain
(dB)
Fig.8 Gain as a function of frequency.
IC = 15 mA; VCE = 8 V; Tamb =25 °C.
handbook, halfpage
MRC041
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)
Fig.9 Gain as a function of frequency.
IC = 30 mA; VCE = 8 V; Tamb =25 °C.
handbook, halfpage
MRC043
0
10
20
30
40
50
10−2
10−1
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn