Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ67W_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BFQ67W_2015
Description  BFQ67W_2015
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ67W_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFQ67W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67W
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MRC045- 1
150
P
tot
(mW)
T
s
(o C)
Fig.3
DC current gain as a function of collector
current.
VCE = 5 V; Tj =25 °C.
handbook, halfpage
0
120
80
40
0
20
40
MBB301
60
I
(mA)
C
FE
h
Fig.4
Feedback capacitance as a function of
collector-base voltage.
IC = 0; f = 1 MHz.
handbook, halfpage
0
0.2
0.4
0.6
0.8
04
8
12
MRC039
(pF)
V
(V)
CB
Cre
Fig.5
Transition frequency as a function of
collector current.
VCE = 8 V; f = 2 GHz; Tamb =25 °C.
handbook, halfpage
010
20
40
8
6
2
0
4
MBB303
30
I
(mA)
C
(GHz)
T
f
10


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn