Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFQ67W_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BFQ67W_2015
Description  BFQ67W_2015
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ67W_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFQ67W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ67W_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
September 1995
7
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFQ67W
Fig.12 Common emitter input reflection coefficient (S11).
IC = 15 mA; VCE = 8 V; Zo =50 Ω.
handbook, full pagewidth
MRA047
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
3 GHz
0.5
1
2
5
180
°
135
°
90
°
45
°
0
°
−45°
−90°
−135°
40 MHz
Fig.13 Common emitter forward transmission coefficient (S21).
IC = 15 mA; VCE = 8 V.
handbook, full pagewidth
MRC048
180
°
135
°
90
°
45
°
0
°
−45°
−90°
−135°
50
40
30
20
10
3 GHz
40 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn