Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40KEL040 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT40KEL040
Description  SRAM based FPGA Dedicated to Space Use
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40KEL040 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT40KEL040_14 Datasheet HTML 1Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 2Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 3Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 4Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 5Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 6Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 7Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 8Page - ATMEL Corporation AT40KEL040_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
AT40KEL040
4155I–AERO–06/06
***
Description
The AT40KEL040 is a fully PCI-compliant, SRAM-based FPGA with distributed 18 ns
programmable synchronous/asynchronous, dual port/single port SRAM, 8 global clocks,
Cache Logic ability (partially or fully reconfigurable without loss of data), automatic com-
ponent generators, and 46,000 ASIC gates. I/O counts range from 129 to 384 in Aero-
space standard packages and support 3.3V.
The AT40KFL040 is a 5V tolerant version.
The AT40KEL040 is designed to quickly implement high performance, large gate count
designs through the use of synthesis and schematic-based tools used Windows® /
Linux® platform. Atmel’s design tools provide easy integration with industry standard
tools such as Synplicity, Modelsim and Leonardo Spectrum/Precision Synthesis. See
the IDS datasheet for other supported tools.
The AT40KEL040 can be used as a co-processor for high-speed (DSP/processor-
based) designs by implementing a variety of compute-intensive, arithmetic functions.
These include adaptive finite impulse response (FIR) filters, Fast Fourier Transforms
(FFT), convolvers, interpolators and discrete-cosine transforms (DCT) that are required
for video compression and decompression, encryption, convolution and other multime-
dia applications.
Fast, Flexible and
Efficient SRAM
The AT40KEL040 FPGA offers a patented distributed 18 ns SRAM capability where the
RAM can be used without losing logic resources. Multiple independent, synchronous or
asynchronous, dual port or single port RAM functions (FIFO, scratch pad, etc.) can be
created using Atmel’s macro generator tool.
Fast, Efficient Array and
Vector Multipliers
The AT40KEL040’s patented 8-sided core cell with direct horizontal, vertical and diago-
nal cell-to-cell connections implements ultra fast array multipliers without using any bus-
ing resources. The AT40KEL040’s Cache Logic capability enables a large number of
design coefficients and variables to be implemented in a very small amount of silicon,
enabling vast improvement in system speed at much lower cost than conventional
FPGAs.
Cache Logic Design
The AT40KEL040 is capable of implementing Cache Logic (Dynamic full/partial logic
reconfiguration, without loss of data, on-the-fly) for building adaptive logic and systems.
As new logic functions are required, they can be loaded into the logic cache without los-
ing the data already there or disrupting the operation of the rest of the chip; replacing or
complementing the active logic. The AT40KEL040 can act as a reconfigurable co-pro-
cessor.
Automatic Component
Generators
The AT40KEL040 FPGA family is capable of implementing user-defined, automatically
generated, macros in multiple designs; speed and functionality are unaffected by the
macro orientation or density of the target device. This enables the fastest, most predict-
able and efficient FPGA design approach and minimizes design risk by reusing already
Table 1. AT40KEL040
Device
AT40KEL040
Available ASIC Gates (50% typ. routable)
46K
Rows x Columns
48 x 48
Core Cells
2,304
Registers
3,056
RAM Bits
18,432
I/O (max)
384


Similar Part No. - AT40KEL040_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40KEL040KW1-E ATMEL-AT40KEL040KW1-E Datasheet
780Kb / 42P
   Rad Hard Reprogrammable FPGAs with FreeRAM
AT40KEL040KZ1-E ATMEL-AT40KEL040KZ1-E Datasheet
780Kb / 42P
   Rad Hard Reprogrammable FPGAs with FreeRAM
More results

Similar Description - AT40KEL040_14

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN575 SILABS-AN575 Datasheet
1Mb / 8P
   INTRODUCTION TO FPGA-BASED ADPLLS
logo
ATMEL Corporation
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP ATMEL-AT17LV010-10DP_05 Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT69170E ATMEL-AT69170E Datasheet
353Kb / 28P
   Space FPGA Configuration Memory
logo
Xilinx, Inc
DS593 XILINX-DS593 Datasheet
3Mb / 35P
   Includes innovative FPGA-based acceleration
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
API Technologies Corp
54-786-003 APITECH-54-786-003 Datasheet
339Kb / 4P
   Small size to allow effective use of space
logo
Altera Corporation
EPC16 ALTERA-EPC16 Datasheet
467Kb / 36P
   SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com