Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3.3UM Datasheet(PDF) 2 Page - NEC

Part # RD3.3UM
Description  ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD3.3UM Datasheet(HTML) 2 Page - NEC

  RD3.3UM Datasheet HTML 1Page - NEC RD3.3UM Datasheet HTML 2Page - NEC RD3.3UM Datasheet HTML 3Page - NEC RD3.3UM Datasheet HTML 4Page - NEC RD3.3UM Datasheet HTML 5Page - NEC RD3.3UM Datasheet HTML 6Page - NEC RD3.3UM Datasheet HTML 7Page - NEC RD3.3UM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RD2.0UM to RD39UM
Data Sheet D13562EJ2V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
MIN.
MAX.
IZ(mA)
MAX.
IZ(mA)
MAX.
VR(V)
RD2.0UM
B
1.90
2.20
5
100
5
120
0.5
RD2.2UM
B
2.10
2.40
5
100
5
120
0.7
RD2.4UM
B
2.30
2.60
5
100
5
120
1.0
B
2.50
2.90
RD2.7UM
B1
2.50
2.75
5
110
5
120
1.0
B2
2.65
2.90
B
2.80
3.20
RD3.0UM
B1
2.80
3.05
5
120
5
50
1.0
B2
2.95
3.20
B
3.10
3.50
RD3.3UM
B1
3.10
3.35
5
130
5
20
1.0
B2
3.25
3.50
B
3.40
3.80
RD3.6UM
B1
3.40
3.65
5
130
5
10
1.0
B2
3.55
3.80
B
3.70
4.10
RD3.9UM
B1
3.70
3.97
5
130
5
10
1.0
B2
3.87
4.10
B
4.00
4.49
RD4.3UM
B1
4.00
4.22
5
130
5
10
1.0
B2
4.14
4.35
B3
4.27
4.49
B
4.40
4.92
RD4.7UM
B1
4.40
4.63
5
130
5
10
1.0
B2
4.53
4.77
B3
4.67
4.92
B
4.82
5.39
RD5.1UM
B1
4.82
5.06
5
130
5
5
1.5
B2
4.96
5.22
B3
5.12
5.39
B
5.29
5.94
RD5.6UM
B1
5.29
5.57
5
80
5
5
2.5
B2
5.47
5.75
B3
5.65
5.94
B
5.84
6.55
RD6.2UM
B1
5.84
6.14
5
50
5
2
3.0
B2
6.04
6.35
B3
6.24
6.55
B
6.44
7.17
RD6.8UM
B1
6.44
6.76
5
30
5
2
3.5
B2
6.62
6.96
B3
6.83
7.17
B
7.03
7.87
RD7.5UM
B1
7.03
7.39
5
30
5
2
4.0
B2
7.25
7.63
B3
7.49
7.87
B
7.73
8.67
RD8.2UM
B1
7.73
8.13
5
30
5
2
5.0
B2
7.98
8.39
B3
8.25
8.67
B
8.53
9.58
RD9.1UM
B1
8.53
8.96
5
30
5
2
6.0
B2
8.81
9.26
B3
9.12
9.58
Type
Number
Class
Zener Voltage
VZ (V)Note 1
Dynamic Impedance
ZZ (
Ω)Note 2
Reverse Current
IR (
µA)


Similar Part No. - RD3.3UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD3.3E NEC-RD3.3E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD3.3E EIC-RD3.3E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD3.3E NJSEMI-RD3.3E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD3.3EAB NEC-RD3.3EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD3.3EAB1 NEC-RD3.3EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD3.3UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
logo
Rohm
2SA1037K ROHM-2SA1037K Datasheet
116Kb / 3P
   EPITAXIAL PLANAR SUPER / ULTRA MINI MOLD PNP SILICON TRANSISTORS
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com