Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-7927 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # SP-7927
Description  Fanless and Low Power 19"/ 17"/ 15" Intel Atom??D2550 Panel PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SP-7927 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  SP-7927 Datasheet HTML 1Page - Protech Systems Co., Ltd. SP-7927 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fanless and Low Power 19"/ 17"/ 15" Intel® Atom™ D2550 Panel PC
SP-7929 / SP-7927 / SP-7925
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2014.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2014.
PROTECH SYSTEMS
It's the right choice
Front View
Rear View
Side View
SP-7929 / 7927 / 7925
497(19") / 452(17") / 402.8(15")
466 (19") / 431.6 (17")
435.4 (19") / 407.2 (17")
15"
17"
19"
15"
19" / 17"
CPU Type
Intel® Atom™ D2550 CPU on board
Chipset
NM10
Memory Support 1 x 204Pins SO-DIMM, DDR3 up to 4GB
Front Bezel
Stainless steel (SUS 304)
IP65
Yes (for front panel only)
Watchdog
1~255 secs Watchdog timer selectable
Power Supply
ATX 130W power supply
O.S. Support
Windows 7
Dimension
SP-7929: 497 x 420 x 93.4 mm
SP-7927: 452 x 366 x 93.3mm
SP-7925: 402.8 x 303 x 85.8 mm
System Weight
SP-7929: 10.2kg
SP-7927: 8.6kg
SP-7925: 7.1kg
VESA Mounting
Support
75 mm / 100 mm VESA bracket (optional)
FCC / CE
USB
6 x USB 2.0
Keyboard / Mouse 1 x PS/2 port
Audio
Line-in / Line-out / Mic in
Parallel Port
1 x Parallel port (SPP / EPP / ECP)
Serial Port
4 x COM port (all COM ports support +5V or +12V),
COM 2 for RS232/422/485 selectable
LAN
2 x LAN (10/100/1000 Mbps)
Digital I/O
4-in /4-out(with 5V &12V)
VGA
1 x VGA
Drive Bay
2 x 2.5" HDD or 1 x 2.5” HDD +1 x slim SATA
DVD (optional)
Expansion Slots
2 x PCI slot (optional)
LCD
19" LED backlight 300 nit LCD, resolution 1280 x 1024
17" LED backlight 350 nit LCD, resolution 1280 x 1024
15" LED backlight 400 nit LCD, resolution 1024 x 768
Touch Screen
(ELO) 5W Analog resistive (USB interface)
Operation Temp. 0° ~ 40°C (32° ~ 104°F)
Storage Temp.
- 20° ~ 80°C (- 4° ~ 176°F)
Humidity
20% ~ 90%
Certificate
SP-7615RZ-DR2
HSF, Slim DVD and bracket kit for SP-76xx and SP-79xx
series
SP-7615RZ-RC1
HSF, 2 PCI slot riser card and bracket kits (w/o package)
for SP-76xx and SP-79xx series
SP-7615RZ-RC2
HSF, 2 PCI slot riser card and bracket kits (w/ package)
for SP-76xx and SP-79xx series
SP-7615RZ-VM0
HSF, VESA bracket kit (w/ package) for SP-76xx and
SP-79xx series
SP-7615RZ-VM1
HSF, 2 PCI slot riser card and VESA bracket kits
(w/ package) for SP-76xx and SP-79xx series
SP-7915RZ-WL2
HSF, Wireless module kit for SP-79xx series (802.11
a+b+g+n) (w/ 5DB Antenna 2pcs)
SP-7615RZ-CR0
HSF, Only slim DVD bracket kit for SP-76xx and SP-79xx
series
SP-7929RA-A0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/19" Panel 1280*1024 / 5-Wire ELO Touch
SP-7929RA-B0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/19" Panel 1280*1024 / Tempered Glass
SP-7927RA-A0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/ 17" Panel 1280*1024 / 5-Wire ELO Touch
SP-7927RA-B0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/ 17" Panel 1280*1024 / Tempered Glass
SP-7925RA-A0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/ 15" Panel 1024*768 / 5-Wire ELO Touch
SP-7925RA-B0B HSF, Intel
®
Atom™ D2550+ NM10 Fan-less Panel PC,
w/ 15" Panel 1024*768 / Tempered Glass
System
Specification
Systems


Similar Part No. - SP-7927

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-7927 PROTECHSYSTEMS-SP-7927 Datasheet
908Kb / 2P
   Fanless and Low Power 19"/ 17"/ 15" Intel Atom??D2550 Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com