Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG2RTP Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MG2RTP
Description  Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RTP Datasheet(HTML) 1 Page - ATMEL Corporation

  MG2RTP_14 Datasheet HTML 1Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 2Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 3Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 4Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 5Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 6Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 7Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 8Page - ATMEL Corporation MG2RTP_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Full Range of Matrices up to 270K Gates
0.5 µm Drawn CMOS, 3 Metal Layers, Sea of Gates
RAM and DPRAM Compilers
Library Optimized for Synthesis, Floor Plan and Automatic Test Generation (ATG)
3 and 5 Volts Operation; Single or Dual Supply Mode
High Speed Performances:
– 505 ps Max NAND2 Propagation Delay at 4.5V, 825 ps at 2.7V and FO = 5
– Min 440 MHz Toggle Frequency at 4.5V, 230 MHz at 2.7V
Programmable PLL Available upon Request
High System Frequency Skew Control through Clock Tree Synthesis Software
Low Power Consumption:
– 2.7 µW/Gate/MHz at 5V
– 0.86 µW/Gate/MHz at 3V
Integrated Power On Reset
Matrices with a Max of 360 Fully Programmable Pads
Standard 3, 6, 12 and 24 mA I/Os
Versatile I/O Cell: Input, Output, I/O, Supply, Oscillator
CMOS/TTL/PCI Interface
ESD (2 kV) and Latch-up Protected I/O
High Noise and EMC Immunity:
– I/O with Slew Rate Control
– Internal Decoupling
– Signal Filtering between Periphery and Core
– Application Dependent Supply Routing and Several Independant Supply Sources
Wide Selection of MQFPs and MCGA Packages up to 352 Pins
Delivery in Die Form with 110 µm Pad Pitch
Advanced CAD Support: Floor Plan, Proprietary Delay Models, Timing Driven Layout,
Power Management
Cadence®, Mentor®, Vital® and Synopsys® Reference Platforms
EDIF and VHDL Reference Formats
Available in Military and Space Quality Grades (SCC, MIL-PRF-38535)
No Single Event Latch-up below an LET threshold of 80MeV/mg/cm2
Tested up to a Total Dose of 300 Krad (Si) according to MIL STD 883 Method 1019
QML Q and V with SMD 5962-00B03 and 5962-03B01
Description
The MG2RTP series is a 0.5 micron, array based, CMOS product family. Several
arrays up to 270K gates cover most system integration needs. The MG2RTP is manu-
factured using a 0.5 micron drawn, 3 metal layers CMOS process, called SCMOS 3/2
RTP.
The base cell architecture of the MG2RTP series provides high routability of logic with
extremely dense compiled memories: RAM and DPRAM. ROM can be generated
using synthesis tools.
Accurate control of clock distribution can be achieved by PLL hardware and CTS
(Clock Tree Synthesis) software. New noise prevention techniques are applied in the
array and in the periphery: three or more independent supplies, internal decoupling,
customization dependent supply routing, noise filtering, skew controlled I/Os, low
swing differential I/Os, all contribute to improve the noise immunity and reduce the
emission level.
The MG2RTP is supported by an advanced software environment based on industry
standards linking proprietary and commercial tools. Verilog, Modelsym and Design
Compiler are the reference front end tools. Floor planning associated with timing
driven layout provides a short back end cycle.
4116M–AERO–06/06
Rad Hard
190K Used Gates
0.5 µm CMOS
Sea of Gates
MG2RTP


Similar Part No. - MG2RTP_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
More results

Similar Description - MG2RTP_14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8168A ETC2-MA8168A Datasheet
200Kb / 2P
   Automatic CRC7 generation for command and CRC7 verification for response on CMD
logo
National Instruments Co...
NI5154 NI-NI5154 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
logo
STMicroelectronics
L3000N STMICROELECTRONICS-L3000N Datasheet
412Kb / 32P
   SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
logo
Bertech.
AFV BERTECH-AFV Datasheet
170Kb / 1P
   ESD Floor Runners and Kits
logo
Keysight Technologies
W2368EP KEYSIGHT-W2368EP Datasheet
146Kb / 2P
   LTE Wireless Library for ADS
logo
NEC
T40A2 NEC-T40A2 Datasheet
91Kb / 2P
   Tape Library
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
   Conductive Floor Mats and Kits
logo
Panasonic Semiconductor
ELF-21N016A PANASONIC-ELF-21N016A Datasheet
71Kb / 2P
   Recommended PWB piercing plan
logo
List of Unclassifed Man...
YMU759 ETC-YMU759 Datasheet
394Kb / 18P
   SYNTHESIS LSI FOR PORTABLE TELEPHONE
logo
STMicroelectronics
AN3375 STMICROELECTRONICS-AN3375 Datasheet
695Kb / 73P
   CR95HF library for ISO15693 and Dual Interface EEPROM products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com