Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL062B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL062B
Description  Low-power JFET dual operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL062B Datasheet HTML 2Page - STMicroelectronics TL062B Datasheet HTML 3Page - STMicroelectronics TL062B Datasheet HTML 4Page - STMicroelectronics TL062B Datasheet HTML 5Page - STMicroelectronics TL062B Datasheet HTML 6Page - STMicroelectronics TL062B Datasheet HTML 7Page - STMicroelectronics TL062B Datasheet HTML 8Page - STMicroelectronics TL062B Datasheet HTML 9Page - STMicroelectronics TL062B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TL062, TL062A, TL062B
6/15
Doc ID 2294 Rev 4
ICC
Supply current, no load
Tamb = +25 °C, no load, no signal
200
250
200
250
µA
Vo1/Vo2
Channel separation
Av = 100, Tamb = +25 °C
120
120
PD
Total power consumption
Tamb = +25 °C, no load, no signal
67.5
67.5
mW
SR
Slew rate
Vi = 10 V, RL = 10 kΩ, CL = 100 pF, Av = 1
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi = 20 mV, RL = 10 kΩ, CL = 100 pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 15)
Vi = 20 mV, RL = 10 kΩ, CL = 100 pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100 Ω, f = 1 kHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature
as possible.
Table 4.
VCC = ±15 V, Tamb = +25 °C (unless otherwise specified) (continued)
Symbol
Parameter
TL062AC, AI
TL062BC, BI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------


Similar Part No. - TL062B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062B STMICROELECTRONICS-TL062B Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL062B TI-TL062B Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL062B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com