Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC116D-S Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TIC116D-S
Description  TIC116 SERIES SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIC116D-S Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TIC116D-S Datasheet HTML 1Page - Bourns Electronic Solutions TIC116D-S Datasheet HTML 2Page - Bourns Electronic Solutions TIC116D-S Datasheet HTML 3Page - Bourns Electronic Solutions TIC116D-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TIC116 SERIES
SILICON CONTROLLED RECTIFIERS
4
PRODU CT
INFORMA TION
APRIL 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 5.
Figure 6.
Figure 7.
Figure 8.
GATE TRIGGER CURRENT
T
C - Case Temperature - °C
-50
-25
0
255075
100
125
1
10
TC03AA
CASE TEMPERATURE
vs
V
AA =12 V
R
L = 100 Ω
t
p(g) ≥ 20 µs
GATE TRIGGER VOLTAGE
T
C - Case Temperature - °C
-50
-25
0
255075
100
125
0
0·2
0·4
0·6
0·8
1
TC03AB
CASE TEMPERATURE
vs
V
AA =12 V
R
L = 100 Ω
t
p(g) ≥ 20 µs
HOLDING CURRENT
T
C - Case Temperature - °C
-50
-25
0
255075
100
125
1
10
100
TC03AD
CASE TEMPERATURE
vs
V
AA = 12 V
Initiating I
T = 100 mA
PEAK ON-STATE VOLTAGE
I
TM - Peak On-State Current - A
0·1
1
10
100
0
0·5
1
1·5
2
2·5
TC03AE
vs
PEAK ON-STATE CURRENT
T
C = 25 °C
t
P = 300 µs
Duty Cycle
≤ 2 %
OBSOLET
E


Similar Part No. - TIC116D-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC116D POINN-TIC116D Datasheet
111Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
Comset Semiconductor
TIC116D COMSET-TIC116D Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC116D COMSET-TIC116D Datasheet
164Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC116D NJSEMI-TIC116D Datasheet
84Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
Inchange Semiconductor ...
TIC116D ISC-TIC116D Datasheet
224Kb / 2P
   isc Thyristors
More results

Similar Description - TIC116D-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TIC126M-S BOURNS-TIC126M-S Datasheet
147Kb / 4P
   TIC126 SERIES SILICON CONTROLLED RECTIFIERS
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com