Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2141 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2141
Description  High Common-Mode Rejection Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141 Datasheet(HTML) 8 Page - Analog Devices

  SSM2141 Datasheet HTML 1Page - Analog Devices SSM2141 Datasheet HTML 2Page - Analog Devices SSM2141 Datasheet HTML 3Page - Analog Devices SSM2141 Datasheet HTML 4Page - Analog Devices SSM2141 Datasheet HTML 5Page - Analog Devices SSM2141 Datasheet HTML 6Page - Analog Devices SSM2141 Datasheet HTML 7Page - Analog Devices SSM2141 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SSM2141
–8–
REV. C
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2141PZ
−40°C ≤ TA ≤ +85°C
8-Lead PDIP
N-8
SSM2141SZ
−40°C ≤ TA ≤ +85°C
8-Lead SOIC_N
R-8
SSM2141SZ-REEL
−40°C ≤ TA ≤ +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
REVISION HISTORY
6/11—Rev. B to Rev. C
Updated Outline Dimensions ......................................................... 7
Changes to Ordering Guide ............................................................ 8
5/91—Rev. A to Rev. B
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10008-0-6/11(C)


Similar Part No. - SSM2141

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141P AD-SSM2141P Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141S AD-SSM2141S Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results

Similar Description - SSM2141

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650_18 Datasheet
2Mb / 38P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receivers
INA1650-Q1_1904 TI1-INA1650-Q1_1904 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receivers
logo
TDK Electronics
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com