Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP491CN-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SP491CN-L
Description  Full Duplex RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP491CN-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP491CN-L Datasheet HTML 3Page - Exar Corporation SP491CN-L Datasheet HTML 4Page - Exar Corporation SP491CN-L Datasheet HTML 5Page - Exar Corporation SP491CN-L Datasheet HTML 6Page - Exar Corporation SP491CN-L Datasheet HTML 7Page - Exar Corporation SP491CN-L Datasheet HTML 8Page - Exar Corporation SP491CN-L Datasheet HTML 9Page - Exar Corporation SP491CN-L Datasheet HTML 10Page - Exar Corporation SP491CN-L Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490,49_0_0627
Model
Temperature Range
Package
SP490CN-L....................................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490CN-L/TR ..............................................................................0˚C to +70˚C ............................................................................... 8-Pin NSOIC
SP490EN-L .................................................................................. -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP490EN=L/TR............................................................................ -40˚C to +85˚C.............................................................................. 8-Pin NSOIC
SP49CN-L....................................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49CN/TR-L ..............................................................................0˚C to +70˚C .............................................................................. 4-Pin NSOIC
SP49EN-L .................................................................................. -40˚C to +85˚C............................................................................. 4-Pin NSOIC
SP49EN-L/TR ............................................................................ -40˚C to +85˚C............................................................................. 4-Pin NSOIC
/TR = Tape and Reel
Pack quantity is 2500 for NSOIC.
ORDERINGINFORMATION
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 20 EXAR Corporation
Datasheet May 20
Send your serial transceiver technical inquiry with technical details to: serialtechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
REVISION HISTORY
Date
Revision Description
02/24/05
-
Sipex Legacy Data Sheet
07/4/08
.0.0
Convert to Exar format.
June 20 .0.
Remove minimum entry to Driver Short Circuit Current. Change SP490
receiver propagation typical to 45ns. Remove SP49 receiver short
circuit current minimum entry. Change SP49 receiver propagation
delay MIN and TYP levels to 20 and 45ns respectively. Change SP49
receiver Enable and Disable time TYP and MAX levels to 45 and 70ns
respectively. Change SP49 Supply Current TYP to 900µA. Remove
SP49 driver rise/fall time minimum. Update ordering information.


Similar Part No. - SP491CN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491CN SIPEX-SP491CN Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
SP491CN SIPEX-SP491CN Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP491CN SIPEX-SP491CN Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN EXAR-SP491CN Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP491CN/TR SIPEX-SP491CN/TR Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
More results

Similar Description - SP491CN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com