Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51CC01 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89C51CC01
Description  Boot Code Section with Independent Lock Bits
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC01 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89C51CC01_14 Datasheet HTML 16Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 17Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 18Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 19Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 20Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 21Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 22Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 23Page - ATMEL Corporation AT89C51CC01_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 167 page
background image
20
A/T89C51CC01
4129N–CAN–03/08
of the interrupt service routine, program execution resumes with the
instruction immediately following the instruction that activated Idle mode.
The general-purpose flags (GF1 and GF0 in PCON register) may be used to
indicate whether an interrupt occurred during normal operation or during Idle
mode. When Idle mode is exited by an interrupt, the interrupt service routine
may examine GF1 and GF0.
2.
Generate a reset.
A logic high on the RST pin clears IDL bit in PCON register directly and
asynchronously. This restores the clock to the CPU. Program execution
momentarily resumes with the instruction immediately following the
instruction that activated the Idle mode and may continue for a number of
clock cycles before the internal reset algorithm takes control. Reset
initializes the T89C51CC01 and vectors the CPU to address C:0000h.
Note:
1. During the time that execution resumes, the internal RAM cannot be accessed; how-
ever, it is possible for the Port pins to be accessed. To avoid unexpected outputs at
the Port pins, the instruction immediately following the instruction that activated Idle
mode should not write to a Port pin or to the external RAM.
2. If Idle mode is invoked by ADC Idle, the ADC conversion completion will exit Idle.
Power-down Mode
The Power-down mode places the T89C51CC01 in a very low power state. Power-down
mode stops the oscillator and freezes all clocks at known states. The CPU status prior to
entering Power-down mode is preserved, i.e., the program counter, program status
word register retain their data for the duration of Power-down mode. In addition, the
SFRs and RAM contents are preserved. The status of the Port pins during Power-down
mode is detailed in Table 14.
Entering Power-down Mode
To enter Power-down mode, set PD bit in PCON register. The T89C51CC01 enters the
Power-down mode upon execution of the instruction that sets PD bit. The instruction
that sets PD bit is the last instruction executed.
Exiting Power-down Mode
If VDD was reduced during the Power-down mode, do not exit Power-down mode until
VDD is restored to the normal operating level.
There are two ways to exit the Power-down mode:
1.
Generate an enabled external interrupt.
The T89C51CC01 provides capability to exit from Power-down using INT0#,
INT1#.
Hardware clears PD bit in PCON register which starts the oscillator and
restores the clocks to the CPU and peripherals. Using INTx# input,
execution resumes when the input is released (see Figure 9) while using
KINx input, execution resumes after counting 1024 clock ensuring the
oscillator is restarted properly (see Figure 8). Execution resumes with the
interrupt service routine. Upon completion of the interrupt service routine,
program execution resumes with the instruction immediately following the
instruction that activated Power-down mode.
Note:
1. The external interrupt used to exit Power-down mode must be configured as level
sensitive (INT0# and INT1#) and must be assigned the highest priority. In addition,
the duration of the interrupt must be long enough to allow the oscillator to stabilize.
The execution will only resume when the interrupt is deasserted.
2. Exit from power-down by external interrupt does not affect the SFRs nor the internal
RAM content.


Similar Part No. - AT89C51CC01_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51CC01CA-RLTUM ATMEL-AT89C51CC01CA-RLTUM Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01CA-SLSUM ATMEL-AT89C51CC01CA-SLSUM Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01SA-RLTUM ATMEL-AT89C51CC01SA-RLTUM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01SA-SLSUM ATMEL-AT89C51CC01SA-SLSUM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01UA-RLTUM ATMEL-AT89C51CC01UA-RLTUM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results

Similar Description - AT89C51CC01_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51CC02 ATMEL-AT89C51CC02_14 Datasheet
1Mb / 159P
   Boot Code Section with Independent Lock Bits
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
1Mb / 7P
   Boot Code Section with Independent Lock Bits
ATMEGA16U4PRE ATMEL-ATMEGA16U4PRE Datasheet
9Mb / 433P
   Optional Boot Code Section with Independent Lock Bits
AT90USB1286 ATMEL-AT90USB1286_14 Datasheet
11Mb / 456P
   Optional Boot Code section with independent lock bits
logo
TT Electronics.
EN11 TTELEC-EN11 Datasheet
817Kb / 4P
   2 bits gray code
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239_14 Datasheet
475Kb / 31P
   Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
logo
TE Connectivity Ltd
STXR40 TEC-STXR40 Datasheet
795Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
TXR15 TEC-TXR15 Datasheet
1Mb / 3P
   CODE 15 - TINEL-LOCK BACKSHELL
TXR40 TEC-TXR40 Datasheet
177Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
logo
WAGO Kontakttechnik Gmb...
750-630-000-008 WAGO-750-630-000-008 Datasheet
524Kb / 11P
   SSI transmitter interface; 25 bits; 125 kHz; Gray code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com