Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP4052 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89LP4052
Description  Single Clock Cycle per Byte Fetch
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89LP4052_14 Datasheet HTML 71Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 72Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 73Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 74Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 75Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052_14 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
75
3547J–MICRO–10/09
AT89LP2052/LP4052
23.5.2
Power-down Sequence
Execute this sequence to power-down the device after serial programming.
1.
Tri-state MOSI (P1.5).
2.
Bring SCK (P1.7) to “L”.
3.
Bring RST to “L”.
4.
Bring SS (P1.4) to “L”
5.
Power off Vcc.
Figure 23-23. Serial Programming Power-down Sequence
Note:
The waveforms on this page are not to scale.
23.5.3
ISP Start Sequence
Execute this sequence to enter ISP when the device is already operational.
1.
Bring SS (P1.4) to “H”.
2.
Tri-state MISO (P1.6).
3.
Bring RST to “H”.
4.
Bring SCK (P1.7) to “L”.
Figure 23-24. In-System Programming (ISP) Start Sequence
VCC
RST
SS
SCK
HIGH Z
MISO
HIGH Z
MOSI
VCC
RST
SS
SCK
HIGH Z
MOSI
HIGH Z
MISO
XTAL1


Similar Part No. - AT89LP4052_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP4052-20PI ATMEL-AT89LP4052-20PI Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PU ATMEL-AT89LP4052-20PU Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PU ATMEL-AT89LP4052-20PU Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20PU ATMEL-AT89LP4052-20PU Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP4052-20SI ATMEL-AT89LP4052-20SI Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
More results

Similar Description - AT89LP4052_14

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com