Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.0MW Datasheet(PDF) 2 Page - NEC

Part # RD2.0MW
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.0MW Datasheet(HTML) 2 Page - NEC

  RD2.0MW Datasheet HTML 1Page - NEC RD2.0MW Datasheet HTML 2Page - NEC RD2.0MW Datasheet HTML 3Page - NEC RD2.0MW Datasheet HTML 4Page - NEC RD2.0MW Datasheet HTML 5Page - NEC RD2.0MW Datasheet HTML 6Page - NEC RD2.0MW Datasheet HTML 7Page - NEC RD2.0MW Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RD2.0MW to RD39MW
2
Data Sheet D10247EJ5V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2°C)
Reverse Current
IR (
µA)
Dynamic
Impedance
ZZ (
Ω)Note 2
Zener Voltage
VZ (V)Note 1
Type
Number
Class
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR(V)
RD2.0MW
B
1.90
2.20
5
100
5
120
0.5
RD2.2MW
B
2.10
2.40
5
100
5
120
0.7
RD2.4MW
B
2.30
2.60
5
100
5
120
1.0
RD2.7MW
B
2.50
2.90
5
110
5
120
1.0
RD3.0MW
B
2.80
3.20
5
120
5
50
1.0
RD3.3MW
B
3.10
3.50
5
130
5
20
1.0
RD3.6MW
B
3.40
3.80
5
130
5
10
1.0
RD3.9MW
B
3.70
4.10
5
130
5
10
1.0
RD4.3MW
B
4.01
4.48
5
130
5
10
1.0
RD4.7MW
B
4.42
4.90
5
130
5
10
1.0
RD5.1MW
B
4.84
5.37
5
130
5
5
1.0
RD5.6MW
B
5.31
5.92
5
80
5
5
1.5
RD6.2MW
B
5.86
6.53
5
50
5
2
2.5
RD6.8MW
B
6.47
7.14
5
30
5
2
3.5
RD7.5MW
B
7.06
7.84
5
30
5
2
4.0
RD8.2MW
B
7.76
8.64
5
30
5
2
5.0
RD9.1MW
B
8.56
9.55
5
30
5
2
6.0
RD10MW
B
9.45
10.55
5
30
5
2
7.0
RD11MW
B
10.44
11.56
5
30
5
2
8.0
RD12MW
B
11.42
12.60
5
35
5
2
9.0
RD13MW
B
12.47
13.96
5
35
5
2
10
RD15MW
B
13.84
15.52
5
40
5
2
11
RD16MW
B
15.37
17.09
5
40
5
2
12
RD18MW
B
16.94
19.03
5
45
5
2
13
RD20MW
B
18.86
21.08
5
50
5
2
15
RD22MW
B
20.88
23.17
5
55
5
2
17
RD24MW
B
22.93
25.57
5
60
5
2
19
RD27MW
B
25.10
28.90
2
70
2
2
21
RD30MW
B
28.00
32.00
2
80
2
2
23
RD33MW
B
31.00
35.00
2
80
2
2
25
RD36MW
B
34.00
38.00
2
90
2
2
27
RD39MW
B
37.00
41.00
2
100
2
2
30
Note 1. Tested with pulse (40 ms)
2. Zz is measured at Iz given a very small A.C. signal


Similar Part No. - RD2.0MW

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.0M NEC-RD2.0M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD2.0MW

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com