Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1211_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1211_2015
Description  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1211_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1211_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2003 Dec 16
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
handbook, halfpage
024
6
50
0
40
30
20
10
MDB837
IG1
(
µA)
VG2-S (V)
(1)
(2)
(3)
(4)
(5)
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values.
VDS = 5 V; Tj =25 °C; RG1 =75kΩ (connected to VGG); see Fig.21.
(1) VGG =5V.
(2) VGG = 4.5 V.
(3) VGG =4V.
(4) VGG = 3.5 V.
(5) VGG =3V.
handbook, halfpage
012
4
0
−60
−40
−20
3
MDB838
−10
−50
−30
gain
reduction
(dB)
VAGC (V)
Fig.14 Typical gain reduction as a function of AGC
voltage.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; Tamb =25 °C.
handbook, halfpage
010
50
120
110
90
80
100
20
30
40
MDB839
Vunw
(dB
µV)
gain reduction (dB)
Fig.15 Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; funw = 60 MHz; Tamb =25 °C.
handbook, halfpage
050
20
0
4
8
12
16
10
20
30
40
MDB840
ID
(mA)
gain reduction (dB)
Fig.16 Drain current as a function of gain
reduction; typical values.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; Tamb =25 °C.


Similar Part No. - BF1211_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1211R PHILIPS-BF1211R Datasheet
112Kb / 15P
   N-channel dual-gate MOS-FETs
2003 Dec 16
BF1211R NXP-BF1211R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1211WR PHILIPS-BF1211WR Datasheet
112Kb / 15P
   N-channel dual-gate MOS-FETs
2003 Dec 16
BF1211WR NXP-BF1211WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results

Similar Description - BF1211_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com