Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1207_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1207_2015
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1207_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1207_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
9397 750 14955
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2005
7 of 22
Philips Semiconductors
BF1207
Dual N-channel dual gate MOSFET
8.1.1 Graphs for amplifier A
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
VDS(A) =5V; Tj =25 °C.
(1) VG1-S(A) = 1.9 V.
(2) VG1-S(A) = 1.8 V.
(3) VG1-S(A) = 1.7 V.
(4) VG1-S(A) = 1.6 V.
(5) VG1-S(A) = 1.5 V.
(6) VG1-S(A) = 1.4 V.
(7) VG1-S(A) = 1.3 V.
(8) VG1-S(A) = 1.2 V.
(9) VG1-S(A) = 1.1 V.
VDS(A) =5V; VG2-S =4V; Tj =25 °C.
Fig 4.
Amplifier A: transfer characteristics; typical
values
Fig 5.
Amplifier A: output characteristics; typical
values
VG1-S (V)
0
2.0
1.6
0.8
1.2
0.4
001aac882
ID
(mA)
15
5
10
20
30
25
35
0
(7)
(6)
(5)
(4)
(1)
(2)
(3)
001aaa883
VDS (V)
06
4
2
16
8
24
32
ID
(mA)
0
(2)
(3)
(6)
(9)
(8)
(5)
(1)
(4)
(7)


Similar Part No. - BF1207_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1207 JMNIC-BF1207_15 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1207_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com