Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT80C51SND1C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT80C51SND1C
Description  Programmable Audio Output for Interfacing with Common Audio DAC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT80C51SND1C_14 Datasheet HTML 5Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 6Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 7Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 8Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 9Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 10Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 11Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 12Page - ATMEL Corporation AT80C51SND1C_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
4109LS–8051–02/08
AT8xC51SND1C
Table 11. Keypad Interface Signal Description
Table 12. External Access Signal Description
Notes:
1. For ROM/Flash Dice product versions: pad EA must be connected to VCC.
2. For ROMless Dice product versions: pad EA must be connected to VSS.
Table 13. System Signal Description
Signal
Name
Type
Description
Alternate
Function
KIN3:0
I
Keypad Input Lines
Holding one of these pins high or low for 24 oscillator periods triggers a
keypad interrupt.
P1.3:0
Signal
Name
Type
Description
Alternate
Function
A15:8
I/O
Address Lines
Upper address lines for the external bus.
Multiplexed higher address and data lines for the IDE interface.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address and data lines for the external memory or the
IDE interface.
P0.7:0
ALE
O
Address Latch Enable Output
ALE signals the start of an external bus cycle and indicates that valid
address information is available on lines A7:0. An external latch is used
to demultiplex the address from address/data bus.
-
PSEN
I/O
Program Store Enable Output (AT80C51SND1C Only)
This signal is active low during external code fetch or external code
read (MOVC instruction).
-
ISP
I/O
ISP Enable Input (AT89C51SND1C Only)
This signal must be held to GND through a pull-down resistor at the
falling reset to force execution of the internal bootloader.
-
RD
O
Read Signal
Read signal asserted during external data memory read operation.
P3.7
WR
O
Write Signal
Write signal asserted during external data memory write operation.
P3.6
EA(1)(2)
I
External Access Enable (Dice Only)
EA must be externally held low to enable the device to fetch code from
external program memory locations 0000h to FFFFh.
-
Signal
Name
Type
Description
Alternate
Function
RST
I
Reset Input
Holding this pin high for 64 oscillator periods while the oscillator is
running resets the device. The Port pins are driven to their reset
conditions when a voltage lower than V
IL is applied, whether or not the
oscillator is running.
This pin has an internal pull-down resistor which allows the device to be
reset by connecting a capacitor between this pin and V
DD.
Asserting RST when the chip is in Idle mode or Power-Down mode
returns the chip to normal operation.
-
TST
I
Test Input
Test mode entry signal. This pin must be set to V
DD.
-


Similar Part No. - AT80C51SND1C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51SND1C-7HTIL ATMEL-AT80C51SND1C-7HTIL Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT80C51SND1C-7HTIL ATMEL-AT80C51SND1C-7HTIL Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT80C51SND1C-7HTJL ATMEL-AT80C51SND1C-7HTJL Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT80C51SND1C-7HTJL ATMEL-AT80C51SND1C-7HTJL Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT80C51SND1C-DDV ATMEL-AT80C51SND1C-DDV Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
More results

Similar Description - AT80C51SND1C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND1C ATMEL-AT89C51SND1C_14 Datasheet
462Kb / 4P
   Programmable Audio Output for Interfacing with Common Audio DAC
AT89C5132 ATMEL-AT89C5132_14 Datasheet
1Mb / 182P
   Programmable Audio Output for Interfacing with Common Audio DAC
AT89C5132 ATMEL-AT89C5132_14 Datasheet
428Kb / 38P
   Programmable Audio Output for Interfacing with Common Audio DAC
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
   USB Audio DAC
logo
Synaptics Incorporated.
CX25824 CONEXANT-CX25824 Datasheet
2Mb / 2P
   4-Channel Video/Audio Decoder with Integrated Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com