Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78702 Datasheet(PDF) 4 Page - Tyco Electronics

Part # PT78702
Description  Miniature Relay PT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT78702 Datasheet(HTML) 4 Page - Tyco Electronics

  PT78702 Datasheet HTML 1Page - Tyco Electronics PT78702 Datasheet HTML 2Page - Tyco Electronics PT78702 Datasheet HTML 3Page - Tyco Electronics PT78702 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
Industrial Relays
Miniature Relay PT (Continued)
Product code
Cont. Config.
Cont. material
Version
Coil
Coil
Part number
PT270024
2 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
4-1419111-2
PT270524
2 CO contacts
test button
connectors
AC coil
24VAC
4-1419111-8
PT270615
115VAC
5-1419111-0
PT270730
230VAC
5-1419111-1
PT270L24
DC coil+LED
24VDC
9-1415001-1
PT270R24
AC coil+LED
24VAC
1415002-1
PT270S15
115VAC
2-1415039-1
PT270T30
230VAC
3-1415002-1
PT271024
PCB terminals
DC coil
24VDC
5-1419111-3
PT271524
AC coil
24VAC
5-1419111-6
PT271615
115VAC
4-1419135-0
PT271730
230VAC
5-1419111-8
PT370024
3 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
6-1419111-1
PT370524
3 CO contacts
test button
connectors
AC coil
24VAC
6-1419111-6
PT370615
115VAC
6-1419111-8
PT370730
230VAC
6-1419111-9
PT370L24
DC coil+LED
24VDC
5-1415002-1
PT370R24
AC coil+LED
24VAC
7-1415002-1
PT370S15
115VAC
9-1415039-1
PT370T30
230VAC
9-1415002-1
PT371024
PCB terminals
DC coil
24VDC
7-1419111-1
PT371524
AC coil
24VAC
7-1419111-3
PT371615
115VAC
1393154-8
PT371730
230VAC
7-1419111-5
PT570024
4 form C
AgNi 90/10
AMP 2.8
DC coil
24VDC
1-1393154-2
PT570524
4 CO contacts
test button
connectors
AC coil
24VAC
8-1419111-7
PT570615
115VAC
9-1419111-0
PT570730
230VAC
9-1419111-1
PT570L24
DC coil+LED
24VDC
6-1415001-1
PT570LC4
DC coil+LED+PD
7-1415541-0
PT570R24
AC coil+LED
24VAC
7-1415001-1
PT570S15
115VAC
7-1415003-1
PT570T30
230VAC
8-1415001-1
PT571024
PCB terminals
DC coil
24VDC
9-1419111-3
PT571524
AC coil
24VAC
9-1419111-6
PT571615
115VAC
1-1393154-5
PT571730
230VAC
9-1419111-8
PT580024
AgNi 90/10
AMP 2.8
DC coil
24VDC
1-1393154-7
PT580524
gold plated
connectors
AC coil
24VAC
2-1393154-1
PT580730
test button
230VAC
2-1393154-2
PT580L24
DC coil+LED
24VDC
5-1415026-1
PT580R24
AC coil+LED
24VAC
6-1415026-1
PT580T30
230VAC
7-1415026-1
PT581024
PCB terminals
DC coil
24VDC
7-1419135-2
PT581730
AC coil
230VAC
2-1393154-3
Product code structure
Typical product code
PT
5
7
0
730
Type
PT Miniature Relay PT
Contact arrangement
2
2 form C contacts (2 CO contacts)
3
3 form C contacts (3 CO contacts)
5
4 form C contacts (4 CO contacts)
Contact material
7
AgNi 90/10, with test button
8
AgNi 90/10 gold plated, with test button
2
AgNi 90/10, without test button
3
AgNi 90/10 gold plated, without test button
Version
0
Standard, 2.8mm quick connect term.
1
PCB terminals
Coil
Coil code: please refer to coil versions table
Other types on request


Similar Part No. - PT78702

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT78720 MACOM-PT78720 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT78720 MACOM-PT78720 Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
PT78730 MACOM-PT78730 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
More results

Similar Description - PT78702

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
   Miniature Relay PT
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
   Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
   Relay Package PT
2-1415366-1 MACOM-2-1415366-1 Datasheet
264Kb / 3P
   Relay Package PT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com