Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6608TR1 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6608TR1
Description  Application Specific MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6608TR1 Datasheet(HTML) 5 Page - International Rectifier

  IRF6608TR1 Datasheet HTML 1Page - International Rectifier IRF6608TR1 Datasheet HTML 2Page - International Rectifier IRF6608TR1 Datasheet HTML 3Page - International Rectifier IRF6608TR1 Datasheet HTML 4Page - International Rectifier IRF6608TR1 Datasheet HTML 5Page - International Rectifier IRF6608TR1 Datasheet HTML 6Page - International Rectifier IRF6608TR1 Datasheet HTML 7Page - International Rectifier IRF6608TR1 Datasheet HTML 8Page - International Rectifier IRF6608TR1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6608
www.irf.com
5
Fig 13c. Maximum Avalanche Energy Vs. Drain Current
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
Fig 12. On-Resistance Vs. Gate Voltage
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 15. Gate Charge Test Circuit
Fig 16. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
240
ID
TOP
3.3A
3.8A
BOTTOM
8.8A
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0.005
0.010
0.015
0.020
0.025
ID = 12A


Similar Part No. - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6608 IRF-IRF6608 Datasheet
178Kb / 8P
   lHEXFET Power MOSFET
More results

Similar Description - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com