Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1320-QQ000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-1320-QQ000
Description  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1320-QQ000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-1320-QQ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1320-QQ000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
T-1 Green Non-Diffused
Figure 13. Relative Luminous
Intensity vs. Forward Current.
Figure 12. Forward Current vs.
Forward Voltage Characteristics.
Figure 14. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 15. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDCMAX
as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.


Similar Part No. - HLMP-1320-QQ000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1320 QT-HLMP-1320 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
More results

Similar Description - HLMP-1320-QQ000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com