Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB202_N_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB202_N_2015
Description  Low-voltage variable capacitance diode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB202_N_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NXP Semiconductors
Product specification
Low-voltage variable capacitance diode
BB202
GRAPHICAL DATA
handbook, full pagewidth
0
40
10
30
20
MBL416
10-1
1
Cd
(pF)
VR (V)
10
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
handbook, halfpage
100
Tj (°C)
0
20
40
60
IR
(nA)
80
103
102
10
1
MBL418
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
10−3
TCd
(K
−1)
10−4
MBL417
10−1
110
VR (V)
Fig.4
Temperature coefficient of diode
capacitance as a function of reverse
voltage; typical values.
Rev. 02 - 3 January 2008
3 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn