Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB184_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB184_2015
Description  UHF low voltage variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB184_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9397 750 13004
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 22 April 2004
3 of 7
Philips Semiconductors
BB184
UHF low voltage variable capacitance diode
f = 1 MHz; Tj = 25 °C.
Fig 1.
Diode capacitance as a function of reverse voltage; typical values.
Fig 2.
Reverse current as a function of junction
temperature; maximum values.
Fig 3.
Temperature coefficient of diode capacitance
as a function of reverse voltage; typical values.
001aaa643
10
15
5
20
25
Cd
(pF)
0
VR (V)
10−1
102
10
1
001aaa657
102
10
103
IR
(nA)
1
Tj (°C)
0
100
80
40
60
20
VR (V)
10−1
102
10
1
001aaa658
10−3
10−4
10−2
TCd
(K-1)
10−5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn