Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB184_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB184_2015
Description  UHF low voltage variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB184_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The BB184 is a variable capacitance diode, fabricated in planar technology, and
encapsulated in the SOD523 (SC-79) ultra small SMD plastic package.
1.2 Features
s Very steep CV curve
s Cd(1V): 14 pF; Cd(10V): 2 pF
s Cd(1V) to Cd(10V) ratio: typical 7
s Ultra small SMD plastic package.
1.3 Applications
s Voltage Controlled Oscillators (VCO)
s Tuning in low voltage television.
2.
Pinning information
3.
Ordering information
BB184
UHF low voltage variable capacitance diode
Rev. 02 — 22 April 2004
Product data sheet
Table 1:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
2
anode
12
Top view
sym008
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BB184
-
plastic surface mounted package; 2 leads
SOD523


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn