Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB178LX_2015 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB178LX_2015
Description  UHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB178LX_2015 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
The BB178LX is a planar technology variable capacitance diode in a SOD882T ultra small
leadless plastic SMD package. The excellent matching performance is achieved by gliding
matching and a Direct Matching Assembly (DMA) procedure.
1.2 Features
I Excellent linearity
I Excellent matching to 2 % DMA
I Ultra small leadless SMD package
I Cd(28V): 2.6 pF; Cd(1V) to Cd(28V) ratio typical 15
I Low series resistance
1.3 Applications
I Voltage Controlled Oscillators (VCO)
I Electronic tuning in VHF television tuners, Band B up to 460 MHz
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BB178LX
UHF variable capacitance diode
Rev. 01 — 14 April 2006
Preliminary data sheet
Table 1.
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
Transparent
top view
2
1
sym008
Table 2.
Ordering information
Type number Package
Name
Description
Version
BB178LX
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.4 mm
SOD882T


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn