Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB152_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part No. BB152_2015
Description  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Homepage  http://www.jmnic.com
Logo 

BB152_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Feb 25
3
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB152
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 30 V; see Fig.3
−−
10
nA
VR = 30 V; Tj =85 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 100 MHz; Cd =30pF
1
1.2
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Figs 2 and 4
52
62
pF
VR = 28 V; f = 1 MHz; see Figs 2 and 4 2.48
2.89
pF
capacitance ratio
f = 1 MHz
1.31
capacitance ratio
f = 1 MHz
20.6
−−
capacitance ratio
f = 1 MHz
1.05
capacitance matching
VR = 1 to 28 V; in a sequence of 15
diodes (gliding)
−−
2%
C
d1V
()
C
d2V
()
----------------
C
d1V
()
C
d28V
()
-------------------
C
d25V
()
C
d28V
()
-------------------
C
d
C
d
----------


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn